Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 002-002-R

  • AI
    Based on the part number **002-002-R**, this typically refers to a specific electronic component produced by **Zierick Manufacturing Corp**. It is a specialized terminal connector used in printed circuit board (PCB) assembly. --- ### Component Overview: 002-002-R The **002-002-R** is a **PCB Terminal Hook/Fastener**. Its primary function is to provide a secure mechanical and electrical connection point on a circuit board, often used for grounding or connecting external wires. #### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Zierick Manufacturing Corp | | **Part Type** | PCB Hook Terminal / Solder Terminal | | **Material** | Brass (standard) | | **Plating** | Tin (indicated by the "-R" or standard finish) | | **Mounting Type** | Through-hole / Solder Mount | | **Application** | Grounding, wire attachment, or component anchoring | --- ### Key Features and Usage 1. **Mechanical Stability**: The "Hook" design allows for wires to be looped around or crimped before soldering, ensuring a high-strength mechanical bond. 2. **Solderability**: The tin plating is specifically designed to facilitate easy wetting during wave soldering or manual soldering processes. 3. **Low Profile**: These terminals are designed to take up minimal vertical space while providing a robust connection point. 4. **Compliance**: Most modern versions of this part (especially those marked with "R" suffixes in electronic catalogs) are **RoHS Compliant**, meaning they are free from lead and other restricted hazardous substances. --- ### Common Applications * **Power Supplies**: Used as a sturdy landing point for high-gauge input/output wires. * **Industrial Controls**: Acting as a bridge between the PCB and external chassis grounds. * **Consumer Electronics**: Providing a durable point for battery lead attachments. --- ### Technical Drawing Concept While I cannot render the CAD file, the physical structure usually follows this logic: ```text [ Hook Head ] <-- Where wire attaches | [ Shaft ] <-- Passes through PCB hole | [ Solder Tail] <-- Soldered on the underside ```
    ✨ Follow-up Questions
    • ⤷What is the specific hole diameter required for the 002-002-R terminal?
    • ⤷ Are there alternative plating options besides tin for this part?
    • ⤷ Does Zierick provide automated insertion tools for the 002-002-R?