Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0121-R

  • AI
    The designation **0121-R** typically refers to a specific component series, most commonly associated with **SMD (Surface Mount Device) Resistors** or specific high-frequency **Inductors/Transformers**. In the electronics industry, this nomenclature usually relates to a part's physical size, value, or a manufacturer-specific series code. Below is an explanation of the primary components associated with this part number. --- ### 1. 0121-R as a Surface Mount Device (SMD) In many electronic catalogs (like Yageo or Panasonic), "R" indicates a decimal point for a resistance value, while "0121" identifies a specific manufacturing series or a non-standard size code. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor or Inductor | | **Package Size** | Typically custom or specific to RF applications | | **"R" Designation** | Denotes the decimal point (e.g., 0.121 Ohms or a tolerance rating) | | **Material** | Thick Film or Metal Film | ### 2. Pulse Electronics 0121-R Series The most specific match for "0121-R" in industrial electronics is often found in **Pulse Electronics** catalogs, specifically for power components. * **Type:** Power Inductor / Transformer. * **Suffix "-R":** Usually stands for **RoHS Compliant** (Lead-Free). * **Application:** Used in DC/DC converters, power supplies, and voltage regulator modules (VRMs). ### 3. Technical Specifications (General Estimates) If this part is an inductor or a low-ohm resistor, the typical technical profile includes: | Parameter | Common Value Range | | :--- | :--- | | **Tolerance** | ±1%, ±5%, or ±10% | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMT) | | **Compliance** | Lead-free / RoHS | --- ### How to Identify the Part Correctly Because "0121-R" is a partial string, you should check the **Manufacturer Logo** on the component or the **PCB Silkscreen**: 1. **If it's a Resistor:** The code "0121" might represent **120 Ohms** (12 + 1 zero) in a 4-digit coding system, or **0.121 Ohms** if the R is used as a decimal. 2. **If it's an Inductor:** Look for the "Pulse" logo; it is likely a high-current power bead or inductor used near CPU/GPU power phases. ---
    ✨ Follow-up Questions
    • ⤷Are you looking for the datasheet for a specific manufacturer like Pulse or Yageo?
    • ⤷ Is this part marked on a circuit board you are currently repairing?
    • ⤷ What is the physical color and shape of the component (e.g.
    • ⤷ black rectangle
    • ⤷ grey coil)?