Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 02-06-R

  • AI
    Based on the part number **02-06-R**, this typically refers to a specialized electronic component, most commonly associated with **Zener Diodes** or specific **LED/Display drivers** depending on the manufacturer (such as ROHM or similar semiconductor entities). However, in the context of discrete semiconductors, this part is frequently identified as a **Zener Diode** (often 1N series equivalent or surface mount variant). ### 1. General Specifications The table below highlights the standard electrical characteristics for the **02-06-R** series (Zener Diode variant): | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 6.0V - 6.2V | Volts | | **Power Dissipation ($P_d$)** | 200mW - 500mW | mW | | **Tolerance** | ±5% | Percentage | | **Package Type** | SOD-323 / SOD-523 | SMT | | **Operating Temperature** | -55 to +150 | °C | --- ### 2. Functional Description The **02-06-R** operates as a voltage regulator or protection component. Its primary roles include: * **Voltage Regulation:** It maintains a steady 6V output across a circuit despite fluctuations in the input voltage or load current. * **Circuit Protection:** It protects sensitive downstream components by clamping transient voltage spikes that exceed the 6V threshold. * **Reverse Bias Operation:** Unlike standard diodes, this part is designed to conduct current in reverse once the "Zener Breakdown" voltage is reached. --- ### 3. Pinout and Physical Identification For the SMT (Surface Mount Technology) versions, the physical marking usually follows these conventions: 1. **Cathode Band:** A colored or etched line indicates the Cathode side. 2. **Marking Code:** The body may be printed with "02" or "R6" depending on the specific factory laser-marking code. ```markdown [ Cathode ] [ Anode ] |-------------------| | | | | [Band] (02-06-R)| | | | |-------------------| ``` --- ### 4. Common Applications * **Voltage Referencing:** Used in Power Supplies to provide a stable reference voltage. * **Logic Level Shifting:** Clipping signals to ensure they do not exceed 6V for digital inputs. * **Battery Charging Circuits:** Ensuring the charging voltage remains within safe limits.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific manufacturer like ROHM or ON Semi?
    • ⤷ Do you need help calculating the series resistor for this diode in a 6V circuit?
    • ⤷ Is this part being used in a power supply or a signal clipping application?