Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 02-09-2118...

  • AI
    The part number **02-09-2118** refers to a specific electrical terminal manufactured by **Molex**. It is part of the widely used **Standard .093" Pin and Socket** connector system. --- ### ## Technical Specifications Below are the primary physical and electrical characteristics of the 02-09-2118 terminal: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Molex | | **Product Type** | Terminal (Male Pin) | | **Contact Diameter** | 2.36mm (0.093") | | **Material** | Brass | | **Plating** | Tin (Sn) | | **Wire Gauge Range** | 18 - 22 AWG | | **Termination Interface** | Crimp or Compression | | **Maximum Voltage** | 600V | | **Maximum Current** | 14.0A (depending on housing) | --- ### ## Component Overview This component is a **Male Crimp Terminal**. In the world of electronic connectors, these are designed to be crimped onto the end of a wire and then inserted into a plastic housing (plug or receptacle). #### ### 1. Materials and Plating * **Base Material:** Made of brass, providing a good balance between conductivity and cost-effectiveness. * **Tin Plating:** The tin coating prevents oxidation and ensures a reliable electrical connection over time. #### ### 2. The .093" Standard The "093" refers to the diameter of the pin (0.093 inches or 2.36mm). This is an industry-standard size, often used in: * Power supplies for desktop computers. * Household appliances (microwaves, dryers). * Automotive aftermarket electronics. * Industrial equipment power rails. #### ### 3. Mating Parts To complete a connection, this part typically requires: * **Female Terminal:** 02-09-1117 or 02-09-1119 (the "Socket" counterpart). * **Housing:** A Molex 1991 or 1261 series connector housing. --- ### ## Installation Code Example While this is a hardware component, automated manufacturing systems use specific parameters to handle these parts. For example, a crimping force monitor might log data like this: ```json { "part_number": "02-09-2118", "operation": "crimp", "wire_spec": "20_AWG_STRANDED", "crimp_height_nominal": "1.15mm", "pull_test_min": "89N" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended crimping tool for the 02-09-2118 terminal?
    • ⤷ Can this terminal be used with 16 AWG wire
    • ⤷ or is there a different version?
    • ⤷ What is the difference between the 02-09-2118 and the 02-09-1118?