Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0212-R

  • AI
    The term **0212-R** typically refers to a specific part numbering convention used for electronic components, most commonly associated with **fixed inductors** (chokes) or specialized **automotive connectors**. Below is a breakdown of the two most common interpretations of this part in the electronics industry. --- ### 1. 0212-R Series: Fixed Inductors (RF Chokes) In the context of passive components, "0212-R" often refers to a series of high-frequency fixed inductors. These are used to filter out noise or store energy in power circuits. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Choke | | **Mounting Style** | Through-hole (Axial leaded) | | **Core Material** | Phenolic or Ferrite (depending on value) | | **Common Uses** | RF blocking, decoupling, and interference suppression | | **"R" Suffix** | Often denotes **RoHS Compliance** (Lead-free) | --- ### 2. Automotive/Industrial Connectors In some catalogs (such as those by Sumitomo or similar manufacturers), "0212" refers to a specific series of terminal connectors or housings. * **Design:** These are usually crimp terminals designed for wire-to-wire or wire-to-board connections. * **Application:** Used extensively in automotive wire harnesses where vibration resistance and high conductivity are required. * **Material:** Usually tinned Copper Alloy or Brass. --- ### 3. General Characteristics of the "R" Suffix In the electronics industry, when "R" follows a part number like **0212-R**, it almost always indicates one of the following: 1. **RoHS Compliant:** The part meets environmental standards for the restriction of hazardous substances. 2. **Taping/Packaging:** It may indicate "Tape and Reel" packaging for automated assembly. 3. **Resistance/Value:** If the part is a resistor, "R" acts as a decimal point (e.g., 2R2 = 2.2 Ohms). --- ### How to Identify Your Specific Part To be 100% certain, check the manufacturer's logo or the context of the circuit board: * **If it looks like a small resistor but is green or blue:** It is likely an **Inductor**. * **If it is a metal pin or plastic housing:** It is a **Connector**. * **If it is a surface mount (SMD) device:** Check the dimensions; "0212" is not a standard EIA package size, suggesting it is a proprietary manufacturer part number.
    ✨ Follow-up Questions
    • ⤷Can you identify the manufacturer of the 0212-R component based on a logo?
    • ⤷ What are the typical inductance values for the 0212-R inductor series?
    • ⤷ Is there a datasheet available for the 0212-R connector?