Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 03-R56-R

  • AI
    The designation **03-R56-R** is typically a manufacturer-specific part number or a reference code often found in industrial power electronics, sensor assemblies, or specific resistor configurations. Based on standard component nomenclature, here is the technical breakdown of what this part represents. --- ### 1. Component Identification In the electronics industry, this specific alphanumeric string is most commonly associated with **Current Sense Resistors** or **Chassis Mount Power Resistors**. | Feature | Description | | :--- | :--- | | **03** | Often represents the physical size or series (e.g., a specific frame size). | | **R56** | The Resistance Value. In EIA codes, 'R' acts as the decimal point. | | **R** | Usually denotes the Tolerance (±0.05% or ±1%) or a RoHS compliance indicator. | ### 2. Technical Specifications If this is a power resistor (a common application for this code), the specifications generally align with the following: * **Resistance Value:** 0.56 Ohms ($\Omega$). * **Tolerance:** Typically $\pm 1\%$ or $\pm 5\%$, depending on the manufacturer (like Ohmite or Vishay). * **Power Rating:** Usually ranges from 2W to 10W depending on the package size. * **Composition:** Often Metal Film or Wirewound to handle heat dissipation. --- ### 3. Common Applications Parts labeled with "R56" (0.56 $\Omega$) are "Low-Ohmic" components. They are rarely used for simple current limiting and are instead used for: 1. **Current Sensing:** Placed in series with a load to measure voltage drop and determine current flow. 2. **Feedback Loops:** Used in DC-DC converters to monitor output stability. 3. **Audio Amplifiers:** Used in the output stage to stabilize power transistors. 4. **Power Supplies:** Serving as a shunt for overcurrent protection circuits. --- ### 4. Circuit Representation In a schematic, this part would be represented as a standard resistor with the value specified: ```text 0.56 Ohm (R56) -----[ /\/\/\/\ ]----- 03-R56-R ``` --- ### 5. Identification Checklist If you are looking at a physical part and need to verify it, check the following: * **Package Type:** Is it a small SMD (Surface Mount) chip or a large ceramic/metal rectangular block? * **Marking:** If it says "R56", it is confirmed as 0.56 Ohms. * **Manufacturer Logo:** Look for small icons (like a 'V' for Vishay or 'W' for Welwyn) to find the exact datasheet.
    ✨ Follow-up Questions
    • ⤷ Is this part a surface mount (SMD) or through-hole component in your application?
    • ⤷ Do you need the exact wattage rating for a replacement part?
    • ⤷ Are you looking for a cross-reference or equivalent part from a different manufacturer?