Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0303N-R

  • AI
    The part number **0303N-R** typically refers to a specialized electronic component, most commonly associated with **Surface Mount Technology (SMT)** power inductors or specific RF components used in high-frequency circuits. Below is a detailed breakdown of its specifications, characteristics, and typical applications. --- ### 1. General Specifications The "0303" designation usually refers to the physical dimensions of the component (footprint), while the "N-R" suffix denotes technical parameters such as tolerance and RoHS compliance. | Feature | Description | | :--- | :--- | | **Component Type** | Chip Inductor / SMT Power Inductor | | **Case Size** | 0303 (approx. 0.03 x 0.03 inches or metric equivalent) | | **Standard Value** | Varies by manufacturer (often in $\mu H$ or $nH$) | | **Termination** | Lead-free (RoHS Compliant) | | **Mounting Type** | Surface Mount (SMD) | ### 2. Physical Characteristics Components in the 0303 series are designed for high-density PCB layouts where space is at a premium. * **Miniaturization:** Its square footprint allows for stable placement during the automated "Pick and Place" assembly process. * **Material:** Often constructed with a ceramic core for RF applications or a ferrite core for power management. * **Shielding:** Many "N-R" variants are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components. ### 3. Electrical Properties While specific values depend on the manufacturer (such as *Murata*, *TDK*, or *Taiyo Yuden*), the following properties are standard: 1. **Inductance Tolerance:** Often denoted by letters (e.g., $N = \pm30\%$, though this varies by brand). 2. **Quality Factor (Q):** High Q-factor at high frequencies, making them suitable for resonant circuits. 3. **Self-Resonant Frequency (SRF):** Optimized to ensure the component behaves as an inductor rather than a capacitor within the intended operating range. 4. **DCR (DC Resistance):** Low internal resistance to minimize power loss and heat generation. ### 4. Typical Applications These parts are commonly found in compact consumer electronics: * **Mobile Devices:** Power management modules for smartphones and tablets. * **RF Circuits:** Matching networks and filters in wireless communication devices. * **DC-DC Converters:** Used in voltage regulation for low-power microprocessors. * **Wearables:** Ideal for smartwatches and medical sensors due to the small 0303 footprint. --- ### Identifying the Manufacturer To get the exact datasheet, you must identify the manufacturer prefix (e.g., *LQH*, *NLV*, or *VLS*). The "0303N-R" string is the core identifier for size and series, but electrical ratings (Amperage/Henries) will be specified in the full alphanumeric code.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and current rating for your specific 0303N-R part?
    • ⤷ Which manufacturer produced this component (e.g.
    • ⤷ Murata
    • ⤷ TDK)?
    • ⤷ Is this part being used in a power supply or an RF signal path?