Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 031-10152-RFX

  • AI
    The part number **031-10152-RFX** refers to a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC straight plug designed for coaxial cables. --- ### 1. Technical Specifications This component is engineered for telecommunications and broadcast applications where signal integrity is paramount. | Feature | Specification | | :--- | :--- | | **Connector Type** | BNC (Bayonet Neill–Concelman) | | **Gender** | Plug (Male) | | **Impedance** | 50 Ohms | | **Frequency Range** | 0 - 4 GHz | | **Body Material** | Brass | | **Body Finish** | Nickel | | **Contact Material** | Brass (Gold Plated) | | **Termination Type** | Crimp | | **Cable Type Compatibility** | RG-58, RG-141, LMR-195 | --- ### 2. Key Features and Construction * **Bayonet Locking Mechanism:** Features a "twist and lock" coupling system, allowing for quick connect/disconnect and ensuring the connection remains secure despite vibrations. * **RFX Designation:** The "RFX" suffix typically denotes Amphenol’s commercial grade or value-engineered series, providing a cost-effective solution without compromising electrical performance in standard environments. * **Gold-Plated Contacts:** The center pin is gold-plated to ensure low contact resistance and protection against oxidation over time. * **Insulation:** Usually utilizes PTFE (Teflon) as an insulator, which handles high temperatures and provides excellent dielectric properties for RF signals. --- ### 3. Common Applications Due to its 50-ohm impedance and frequency range, it is commonly used in: 1. **Test and Measurement:** Oscilloscopes and signal generators. 2. **Antennas:** Low-power radio transmissions and Wi-Fi equipment. 3. **Broadcast:** Professional video and audio signal routing. 4. **Networking:** Older Ethernet topologies (though rare now) and specialized data links. --- ### 4. Assembly Overview To install this part, a specific crimp tool is required. The typical assembly process follows these steps: 1. **Stripping:** Remove the outer jacket, braid, and dielectric of the coaxial cable to specific lengths. 2. **Crimping the Pin:** Slide the center contact over the conductor and crimp. 3. **Seating:** Push the cable into the connector body until the pin "clicks" or seats properly. 4. **Final Crimp:** Slide the outer ferrule over the braid and the connector tail, then crimp to secure the cable to the body.
    ✨ Follow-up Questions
    • ⤷What are the specific stripping dimensions for RG-58 cable with this connector?
    • ⤷ How does a 50-ohm BNC connector differ from a 75-ohm BNC connector?
    • ⤷ What is the maximum voltage rating for the 031-10152-RFX?