Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 032JFC-R

  • AI
    The **032JFC-R** is a specific surface-mount electronic component, typically categorized as a **Wire-Wound Ferrite Chip Inductor**. It is part of the **0603 (1608 metric)** series, which is a standard industry size for small-scale electronics. --- ### 1. Technical Specifications The following table outlines the primary technical characteristics of the 032JFC-R component: | Feature | Specification | | :--- | :--- | | **Component Type** | Wire-Wound Chip Inductor | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Inductance** | 0.032 µH (32 nH) | | **Tolerance** | ±5% (indicated by 'J') | | **Material Core** | Ferrite / Ceramic hybrid | | **Termination** | RoHS Compliant (Lead-free) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown The part number can be decoded to understand its physical and electrical properties: * **0603 (Implied Series):** Refers to the physical dimensions (0.06 x 0.03 inches). * **32:** The value code for inductance (32 nanohenries). * **J:** Represents the tolerance level. In the industry standard, 'J' stands for **±5%**. * **FC:** Often indicates the material series (Ferrite Core) or the specific manufacturer's family line. * **-R:** Generally indicates **RoHS compliance** or that the part is supplied on a **Tape & Reel** for automated assembly. --- ### 3. Key Applications Because of its small size and wire-wound construction, this part is optimized for high-frequency performance. * **RF Tuning:** Used in radio frequency circuits to select specific frequencies. * **Decoupling:** Filtering out high-frequency noise in power lines for sensitive chips. * **Signal Conditioning:** Maintaining signal integrity in high-speed data communication. * **Mobile Devices:** Common in smartphones, tablets, and wearable technology due to the small 0603 footprint. --- ### 4. Advantages of Wire-Wound Construction Compared to multilayer inductors, wire-wound inductors like the 032JFC-R offer: 1. **Higher Q-Factor:** Better efficiency and lower energy loss at high frequencies. 2. **Higher Current Handling:** Can handle more DC current before reaching saturation. 3. **Lower DCR:** Low Direct Current Resistance, which minimizes heat generation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the 032JFC-R?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the equivalent alternatives from brands like Murata or TDK?