Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0355-R

  • AI
    The **0355-R** typically refers to a specific series of high-quality **audio transformers** manufactured by companies like **PICO Electronics** or used in specialized telecommunications and signal processing hardware. --- ### 1. Component Overview The "0355-R" is primarily a surface-mount (SMT) or plug-in electronic transformer designed for low-profile applications. It is engineered to handle signal coupling, isolation, and impedance matching in sensitive electronic circuits. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Audio / Signal Transformer | | **Mounting Type** | Surface Mount (SMT) or Thru-Hole | | **Core Material** | High-permeability Ferrite or Mu-Metal | | **Primary Function** | Impedance matching and Galvanic isolation | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Technical Characteristics These parts are defined by their ability to maintain signal integrity across a specific frequency range. * **Frequency Response:** Usually optimized for the audio spectrum (20 Hz to 20 kHz) or telecommunication bands (up to 250 kHz). * **Isolation Voltage:** Designed to withstand high dielectric voltages (often up to 1000V DC) to protect sensitive downstream components from surges. * **Impedance Ratios:** Available in various configurations (e.g., 600Ω:600Ω for telephony or 10kΩ:500Ω for inter-stage coupling). * **Low Distortion:** Engineered for low Total Harmonic Distortion (THD) to ensure the output signal is a faithful reproduction of the input. --- ### 3. Applications The 0355-R series is commonly found in the following environments: 1. **Telecommunications:** Used in line interfaces to isolate the equipment from the telephone line. 2. **Audio Processing:** Integrated into pre-amplifiers or mixing consoles to eliminate ground loops (hum). 3. **Medical Instrumentation:** Providing safety isolation between the patient-connected sensors and the main power electronics. 4. **Industrial Controls:** Used in feedback loops where signal isolation is required to prevent interference. --- ### 4. Pinout and Installation While specific pinouts depend on the exact manufacturer (e.g., PICO or Pulse), a standard 0355-R package typically follows this logic: ```text Input Side (Primary) Output Side (Secondary) [Pin 1] ----+ +---- [Pin 6] | ) ( | | ) ( | [Pin 3] ----+ +---- [Pin 4] ``` *Note: Some models include a center tap (CT) on Pin 2 or Pin 5 for balanced signal applications.*
    ✨ Follow-up Questions
    • ⤷ What is the exact impedance ratio for the 0355-R variant you are looking for?
    • ⤷ Are you looking for a datasheet or a direct cross-reference for this part?
    • ⤷ Is this being used in a power supply circuit or a signal processing circuit?