Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 035P

  • AI
    The term **035P** usually refers to a specific package size or a part prefix/suffix in electronic component nomenclature. Depending on the manufacturer, it most commonly relates to **Surface Mount Device (SMD)** dimensions or specific integrated circuit variations. ### 1. Common Interpretations of "035P" In the electronics industry, "035P" is frequently associated with the following categories: | Category | Typical Meaning | Description | | :--- | :--- | :--- | | **SMD Footprint** | 0.35mm Pitch | Often used to describe the distance between the center of one pin and the center of the next pin on an IC (e.g., BGA or CSP packages). | | **Connectors** | 0.35mm Pitch Connectors | Ultra-fine pitch board-to-board connectors used in mobile devices (smartphones, wearables). | | **Product Suffix** | Specific Rating | A manufacturer-specific code indicating a power rating (e.g., 0.35 Watts) or a temperature coefficient. | --- ### 2. Focus: 0.35mm Pitch Technology When "035P" is used in the context of high-density electronics, it refers to the **0.35mm pitch**. This is considered "Ultra-Fine Pitch." #### Key Characteristics * **Space Saving:** Allows for a high number of I/O (Input/Output) pins in a very small footprint. * **Soldering Complexity:** Requires high-precision SMT (Surface Mount Technology) assembly and high-quality solder paste stencils to avoid bridging (shorts). * **Applications:** * Smartphone display connectors. * Battery-to-board connections in smartwatches. * High-density FPGA (Field Programmable Gate Array) packaging. --- ### 3. Component Example: Connectors One of the most common physical parts labeled with "035P" logic is the **Board-to-Board (FPC) Connector**. ```markdown Example Specifications for a 035P Connector: - Pitch: 0.35mm - Stacking Height: 0.6mm to 1.0mm - Current Rating: 0.3A to 5.0A (depending on power pins) - Contact Material: Copper Alloy (Gold plated) ``` ### 4. Comparison Table: Pitch Sizes To understand where 035P fits in the hierarchy of electronic assembly: | Pitch Code | Measurement | Common Usage | | :--- | :--- | :--- | | **100P** | 2.54mm | Breadboards, standard headers (Arduino). | | **050P** | 1.27mm | SOIC chips, older computer ribbon cables. | | **040P** | 0.40mm | Standard smartphone internal connectors. | | **035P** | **0.35mm** | **High-end mobile devices and miniaturized sensors.** | --- ### Summary for Designers If you are working with a part marked **035P**, ensure your PCB (Printed Circuit Board) fabrication house supports **Fine Line and Space** design rules. A 0.35mm pitch typically requires a minimum trace width and spacing of roughly 0.1mm or less.
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific manufacturer like Hirose or Panasonic for 035P connectors?
    • ⤷ What are the soldering challenges associated with 0.35mm pitch components?
    • ⤷ Is 035P related to a specific resistor or capacitor power rating in your project?