Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 03CC

  • AI
    The term **03CC** typically refers to a specific metric case size used for **Surface Mount Device (SMD)** electronic components, most commonly **Multilayer Ceramic Capacitors (MLCCs)** or resistors. In the electronics industry, package sizes are defined by their dimensions, usually in either millimeters or inches. --- ### 1. Understanding the Dimensions The "03CC" designation follows the metric system (often synonymous with the **0603** imperial size, though naming conventions can vary by manufacturer). | Measurement Type | Length (L) | Width (W) | Typical Height (T) | | :--- | :--- | :--- | :--- | | **Metric (mm)** | 0.6 mm | 0.3 mm | 0.3 mm | | **Imperial (inches)** | 0.024 in | 0.012 in | 0.012 in | *Note: In some manufacturer catalogs, "03" refers to the 0.6mm x 0.3mm footprint (EIA 0201).* --- ### 2. Common Components in this Size Because of its extremely small footprint, the 03CC size is predominantly used in high-density mobile electronics like smartphones, wearables, and IoT devices. #### A. Multilayer Ceramic Capacitors (MLCC) * **Purpose:** Decoupling, filtering, and noise suppression. * **Characteristics:** High capacitance in a tiny volume. * **Materials:** Usually Class I (C0G/NP0) for stability or Class II (X5R, X7R) for high capacity. #### B. Chip Resistors * **Purpose:** Current limiting and voltage division. * **Power Rating:** Typically very low, around **1/20W (0.05W)** due to the small surface area for heat dissipation. --- ### 3. Technical Specifications Comparison Here is how 03CC (0603 Metric) compares to other common small-form-factor sizes: | Size Code (Metric) | Size Code (Imperial) | Dimensions (mm) | Difficulty to Solder | | :--- | :--- | :--- | :--- | | 0402 | 01005 | 0.4 x 0.2 | Extreme (Robotic only) | | **0603 (03CC)** | **0201** | **0.6 x 0.3** | **Very High (Microscope needed)** | | 1005 | 0402 | 1.0 x 0.5 | High (Standard for mobile) | | 1608 | 0603 | 1.6 x 0.8 | Moderate (Hand-solderable) | --- ### 4. Manufacturing Challenges Using 03CC components requires specialized PCB assembly processes: 1. **Solder Paste:** Requires Type 5 or Type 6 fine-pitch solder paste. 2. **Pick and Place:** High-precision vacuum nozzles are required to prevent "tombstoning" (where the part stands up on one end during reflow). 3. **Inspection:** Automated Optical Inspection (AOI) is mandatory as joints are too small for the naked eye. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 03CC and 03CP designations in electronic parts?
    • ⤷ How is 'tombstoning' prevented when soldering 0603 metric components?
    • ⤷ What are the typical capacitance ranges available for 0201 imperial MLCCs?