Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 03CCP

  • AI
    The term **03CCP** most commonly refers to a specific series or batch designation for **Capacitor Discharge (CDI) Igniters** or **Electronic Control Units (ECU)** used in small engines, notably those found in motorcycles (like Honda models) and power equipment. ### 1. Component Overview The 03CCP is an electronic module responsible for managing the timing and delivery of high-voltage sparks to the engine's spark plug. It is a solid-state device, meaning it has no moving parts and relies entirely on semiconductors. --- ### 2. Internal Electronic Components Inside an 03CCP unit, several key electronic parts work in harmony: | Component | Function | | :--- | :--- | | **Thyristor (SCR)** | Acts as a high-speed electronic switch to discharge the stored energy. | | **Charging Capacitor** | Stores high-voltage electricity (usually 200V–400V) until the trigger signal is received. | | **Diodes** | Rectify the AC current from the stator into DC and prevent reverse current flow. | | **Resistors** | Control the timing constants (RC circuits) and protect sensitive components from surges. | | **Trigger Circuit** | Receives a pulse from the pickup coil to signal the exact moment for ignition. | --- ### 3. Technical Specifications While specific values vary by manufacturer (e.g., Shindengen or Denso), general characteristics include: * **Input Voltage:** 12V DC (Battery-powered) or AC (Stator-powered). * **Output Voltage:** ~200V to 400V to the Primary Ignition Coil. * **Housing:** Usually encapsulated in **Epoxy Resin** (potting) to protect against vibration, moisture, and heat. * **Connection:** Typically features a 4-pin or 6-pin plastic connector block. --- ### 4. Common Failure Symptoms Because the 03CCP is a sealed unit, it cannot be repaired, only replaced. Watch for these electronic failure signs: 1. **No Spark:** The internal capacitor or SCR has blown, preventing any voltage output. 2. **Weak Spark:** Leaking capacitors resulting in insufficient voltage to jump the spark plug gap. 3. **Thermal Failure:** The unit works when cold but cuts out as internal components expand with heat. 4. **Incorrect Timing:** The internal resistor-capacitor (RC) network has drifted, causing the engine to misfire or knock. --- ### 5. Schematic Logic The basic logic flow of the 03CCP circuitry is: `Stator/Battery` -> `Rectifier` -> `Storage Capacitor` -> `Trigger Signal (Pickup Coil)` -> `Thyristor Gate` -> `Ignition Coil Output`.
    ✨ Follow-up Questions
    • ⤷ How do I test a 03CCP unit using a multimeter?
    • ⤷ What are the pinout diagrams for a standard 03CCP CDI?
    • ⤷ Can a faulty ignition coil damage the 03CCP electronics?