Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0412CDMCCDS-R33MC

  • AI
    The part number **0412CDMCCDS-R33MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida** (or similar manufacturers following this naming convention). These components are essential in modern electronics for DC-DC conversion and voltage regulation. --- ### 1. Part Number Breakdown The alphanumeric string defines the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0412** | Size Code | Dimensions: Approx. 4.0mm x 4.0mm x 1.2mm | | **CDMC** | Series Type | Molded Power Inductor (Metal Composite Core) | | **CDS** | Construction | Shielded construction for low EMI | | **R33** | Inductance | **0.33 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | | **C** | Packaging | Typically refers to Tape & Reel packaging | --- ### 2. Key Technical Specifications While specific datasheets vary by brand, a standard **0.33µH 0412** molded inductor generally follows these parameters: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically between 4mΩ to 8mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** High capacity, often ranging from **10A to 15A** before inductance drops. * **Rated Current ($I_{rms}$):** The continuous current allowed based on temperature rise (approx. **8A to 12A**). * **Operating Temperature:** -40°C to +125°C (including self-heating). --- ### 3. Core Technology: Metal Composite This part uses **Metal Powder Molding** technology rather than a traditional ferrite core. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, metal composite cores have a "soft" saturation curve. * **Magnetic Shielding:** The molded structure naturally shields the magnetic field, reducing Electromagnetic Interference (EMI) with nearby components. * **High Density:** Allows for high current handling in a very small footprint (4.0 x 4.0mm). --- ### 4. Common Applications Due to its high efficiency and small size, the 0412CDMC series is found in: 1. **Smartphones & Tablets:** CPU/GPU power rails. 2. **Laptops:** Point-of-Load (POL) converters. 3. **SSD Drives:** Power management for high-speed controllers. 4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between metal composite inductors and traditional ferrite inductors?
    • ⤷ How do I calculate the temperature rise for this inductor in my circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Vishay or TDK?