Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0518CDMCCDS-R33MC

  • AI
    The **0518CDMCCDS-R33MC** is a high-performance, surface-mount (SMD) power inductor. It is part of the **CDMC** series, commonly manufactured by companies like Sumida. This specific component is designed for high-current applications where efficiency and space-saving are critical. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **0518** | Case Size | Dimensions are approximately 5.4mm x 5.2mm with a height of 1.8mm. | | **CDMC** | Series | Indicates a shielded, metal composite core structure. | | **R33** | Inductance | Represents **0.33 µH** (Microhenries). | | **M** | Tolerance | Indicates a tolerance of **±20%**. | | **C** | Packaging/Special | Standard commercial grade or specific winding style. | --- ### 2. Key Technical Specifications Based on the standard 0518 CDMC series profile, here are the typical technical parameters: * **Inductance:** 0.33 µH. * **DC Resistance (DCR):** Extremely low (typically in the range of 3.0mΩ to 5.0mΩ) to minimize power loss. * **Saturation Current (Isat):** The current at which inductance drops by a specific percentage (e.g., 30%). For this size/value, it is usually between **15A and 22A**. * **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature, typically around **10A to 14A**. * **Operating Temperature:** Generally rated for **-40°C to +125°C**. --- ### 3. Construction and Features * **Metal Composite Core:** Unlike traditional ferrite inductors, these use a powdered iron/metal composite core. This allows for "soft saturation" characteristics, meaning the inductance doesn't drop off sharply when high current is applied. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Low Profile:** The "18" in the name indicates a maximum height of 1.8mm, making it ideal for thin electronic devices like laptops or tablets. --- ### 4. Common Applications This inductor is typically used in **DC-DC Converter** circuits for: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in high-end computing. 2. **Mobile Devices:** Power management in smartphones and tablets. 3. **SSD Drives:** Providing stable voltage rails for high-speed memory. 4. **Distributed Power Systems:** Points of Load (POL) converters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'soft saturation' and 'hard saturation' in power inductors?
    • ⤷ How does DCR affect the overall efficiency of a DC-DC converter?
    • ⤷ Can this part be used in automotive applications
    • ⤷ or is it strictly commercial grade?