Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603C-R11

  • AI
    The part number **0603C-R11** refers to a high-frequency **Surface Mount Device (SMD) Ceramic Chip Inductor**. It is widely used in RF (Radio Frequency) and wireless communication circuits due to its small size and high precision. --- ### ## Technical Specifications Breakdown The alphanumeric code provides specific details about the component’s physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Package Size** | 0603 | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). | | **Inductance Value** | R11 | **110 nH** (Nanohenries). The "R" acts as a decimal point in µH (0.11 µH). | | **Material Type** | Ceramic Core | Non-magnetic core, ideal for high-frequency stability. | | **Mounting Type** | SMT / SMD | Designed for automated pick-and-place assembly. | --- ### ### Key Features * **High Q-Factor:** These inductors are designed to have low losses at high frequencies, which is critical for maintaining signal integrity in RF filters. * **High SRF (Self-Resonant Frequency):** The ceramic body allows the part to operate at very high frequencies before parasitic capacitance becomes an issue. * **Tight Tolerance:** Usually available in ±5% or ±10%, ensuring consistent performance in tuned circuits. * **Small Footprint:** The 0603 size is a standard in modern electronics, balancing ease of assembly with space-saving requirements. --- ### ### Common Applications 1. **Mobile Communications:** Used in cell phones for signal matching and filtering. 2. **WLAN/Bluetooth:** Critical for 2.4GHz and 5GHz wireless modules. 3. **Broadband ICs:** Utilized in high-speed data transmission equipment. 4. **RF Amplifiers:** Acts as a choke or part of an impedance matching network. --- ### ### Typical Equivalent Circuit In a simulation or design software (like SPICE or ADS), the component is modeled as follows: ```spice * 0603C-R11 Inductor Model L1 Net1 Net2 110n ; Main Inductance R1 Net1 Net2 0.5 ; DC Resistance (DCR) C1 Net1 Net2 0.2p ; Parasitic Capacitance (influences SRF) ```
    ✨ Follow-up Questions
    • ⤷ What is the typical Self-Resonant Frequency (SRF) for an 0603 110nH inductor?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the standard tolerance codes for these SMD parts?