Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603C-R33F

  • AI
    The part number **0603C-R33F** typically refers to a **Surface Mount Device (SMD) Ceramic Inductor**. Below is a detailed breakdown of its specifications, naming convention, and common applications. --- ## 1. Part Number Breakdown Electronic components follow a specific nomenclature to identify their physical and electrical traits. | Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | Dimensions are 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). | | **C** | Material/Series | Often denotes a Ceramic core (High-Frequency application). | | **R33** | Inductance Value | "R" acts as a decimal point. R33 = **0.33 µH** (330 nH). | | **F** | Tolerance | Indicates a precision tolerance of **±1%**. | --- ## 2. Technical Specifications While exact specs can vary slightly by manufacturer (such as Coilcraft or Murata), a standard 0603C-R33F inductor generally features: ### Electrical Characteristics * **Inductance:** 330 nH (nanohenries). * **Tolerance:** ±1% (High precision for tuning circuits). * **Quality Factor (Q):** Typically high (e.g., >30 at 100MHz) due to the ceramic core. * **Self-Resonant Frequency (SRF):** Usually in the range of 500 MHz to 1 GHz. * **Rated Current (Idc):** Generally between 100mA and 400mA. ### Physical Characteristics * **Core Material:** Ceramic (Non-magnetic). Ceramic cores provide excellent stability and high Q-factors at high frequencies. * **Termination:** Typically silver-palladium-platinum or tin-plated over nickel. --- ## 3. Common Applications Due to its ceramic core and high precision (±1%), this part is used primarily in RF (Radio Frequency) and high-speed signal processing. 1. **Impedance Matching:** Used in the matching networks of antennas to ensure maximum power transfer. 2. **Filter Circuits:** Used in Low-Pass, High-Pass, or Band-Pass filters for cellular, Wi-Fi, and Bluetooth modules. 3. **Oscillators:** Provides stable inductance for frequency generation in VCOs (Voltage Controlled Oscillators). 4. **Signal Isolation:** Used to prevent high-frequency noise from interfering with sensitive analog sections of a PCB. --- ## 4. Soldering & Handling ```markdown - Footprint: 0603 (Imperial) / 1608 (Metric). - Solder Method: Reflow or Wave soldering. - Moisture Sensitivity Level (MSL): Typically 1 (Unlimited floor life). ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between a ceramic core and a ferrite core inductor?
    • ⤷ How do I calculate the resonant frequency for this inductor in a circuit?
    • ⤷ Which manufacturers are the primary suppliers for the 0603C series?