0603CS-R10X_L
AI

The **0603CS-R10X_L** is a specific part number for a surface-mount (SMD) wire-wound chip inductor manufactured by **Coilcraft**. This component is widely used in high-frequency applications due to its high Quality (Q) factor and stability.
---
## 1. Part Number Breakdown
The part number follows a specific nomenclature that describes its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0603** | Case Size | EIA standard dimensions (0.06 x 0.03 inches or 1.6 x 0.8 mm). |
| **CS** | Series Type | Ceramic core, wire-wound construction. |
| **R10** | Inductance Value | R represents the decimal. 0.10 µH or **100 nH**. |
| **X** | Tolerance | Typically ±5% (J) or ±2% (G); 'X' can be a specific tolerance code. |
| **_L** | Termination | RoHS compliant tin-silver-over-copper terminations. |
---
## 2. Key Specifications
The 0603CS series is designed for RF (Radio Frequency) circuits. Here are the typical electrical parameters for the **100 nH** (R10) variant:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 nH @ 150 MHz |
| **Q Factor (Minimum)** | 50 @ 500 MHz |
| **Self-Resonant Frequency (SRF)** | 1600 MHz (Typical) |
| **DC Resistance (DCR)** | 0.58 Ohms (Max) |
| **Current Rating (IDC)** | 400 mA |
| **Operating Temperature** | -40°C to +125°C |
---
## 3. Construction & Features
### Wire-Wound Technology
Unlike multilayer inductors, the **CS series** uses a wire-wound construction on a ceramic core.
* **Benefits:** Lower DC resistance and much higher Q factors.
* **Precision:** Provides tighter tolerances than standard ceramic inductors.
### Physical Characteristics
* **Core Material:** Ceramic (Non-magnetic), ensuring high frequency stability.
* **Size:** Small footprint suitable for dense PCB layouts.
* **Encapsulation:** Often features a clear "cap" or coating to protect the fine wire and allow for vacuum pick-and-place assembly.
---
## 4. Typical Applications
This specific inductor is found in circuits where signal integrity and minimal energy loss at high frequencies are critical:
1. **RF Filters:** Band-pass and Low-pass filters.
2. **Impedance Matching:** Used in antenna circuits for smartphones and Wi-Fi modules.
3. **VCOs:** Voltage Controlled Oscillators.
4. **Bluetooth/WLAN:** High-frequency communication modules.
---
- ⤷
What are the differences between ceramic core and ferrite core inductors?
- ⤷ How does the Q factor impact the performance of an RF circuit?
- ⤷ What is the meaning of the 'SRF' parameter in this inductor?