Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R11X_L

  • AI
    The **0603CS-R11X_L** is a specific part number for a surface-mount high-frequency wirewound chip inductor, typically manufactured by **Coilcraft**. This component is widely used in RF (Radio Frequency) applications due to its high precision and high quality factor (Q). --- ### 1. Part Number Breakdown The nomenclature follows a specific standard that describes its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). | | **CS** | Series Type | Ceramic core, wirewound inductor. | | **R11** | Inductance Value | "R" acts as a decimal point. R11 = **110 nH**. | | **X** | Tolerance | Typically ±5% (J), ±2% (G), or ±10% (K). "X" is a placeholder for specific tolerance. | | **_L** | Termination/RoHS | Usually indicates Lead-free / RoHS compliant termination (Matte Tin over Nickel over Silver). | --- ### 2. Key Technical Specifications Based on the standard 0603CS series datasheet, the **R11 (110 nH)** variant generally adheres to the following parameters: * **Inductance:** 110 nH (measured at 150 MHz). * **Quality Factor (Q min):** ~50 at 150 MHz. * **Self-Resonant Frequency (SRF):** Approximately 1500 MHz (1.5 GHz). * **DC Resistance (DCR max):** ~0.48 Ohms. * **Current Rating (Irms):** ~450 mA. * **Operating Temperature:** -40°C to +125°C. --- ### 3. Construction and Material Unlike multilayer inductors, the **0603CS** uses a **Wirewound Ceramic Core** construction. This offers several advantages: 1. **High Q Factor:** Because it uses actual copper wire wound around a ceramic body, it has much lower losses than multilayer types, making it ideal for signal integrity in filters and oscillators. 2. **High SRF:** The ceramic core is non-magnetic, allowing the inductor to maintain its properties at very high frequencies. 3. **Tight Tolerances:** Wirewinding allows for more precise control over the number of turns, resulting in higher accuracy. --- ### 4. Typical Applications This component is found in circuits where frequency stability and low loss are critical: * **RF Impedance Matching:** Matching antennas to power amplifiers. * **LC Filters:** Used in band-pass or low-pass filters for wireless communication. * **VCOs:** Voltage Controlled Oscillators requiring high stability. * **Mobile Infrastructure:** Found in base stations and high-speed networking equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound and a multilayer inductor in RF circuits?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect my circuit design?
    • ⤷ Can you explain the significance of the Q-factor for this specific inductor?