Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R18XGRW

  • AI
    The part number **0603CS-R18XGRW** refers to a high-frequency, wire-wound ceramic core chip inductor manufactured by **Coilcraft**. This specific series is widely used in RF (Radio Frequency) applications due to its high Q-factor and precision. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic core, wire-wound inductor | | **-R18** | Inductance Value | R18 = 180 nH (nanohenries) | | **X** | Tolerance | ±5% (Standard) | | **G** | Termination | Gold over nickel over moly-manganese | | **R** | Packaging | 7″ reel, plastic tape | | **W** | Environmental | RoHS compliant | --- ### 2. Technical Specifications The following table highlights the typical electrical performance for this specific 180 nH inductor: | Parameter | Value | | :--- | :--- | | **Inductance** | 180 nH @ 100 MHz | | **Tolerance** | ±5% | | **Quality Factor (Q) Min** | 25 @ 100 MHz | | **Self-Resonant Frequency (SRF)** | 920 MHz (Typical) | | **DC Resistance (DCR) Max** | 1.25 Ohms | | **Isat (Saturation Current)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Applications The **0603CS** series is engineered for performance in sensitive electronic circuits: * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides much higher Q-factors and lower DCR, making it more efficient for power handling and signal purity. * **Ceramic Core:** Provides excellent thermal stability and very high self-resonant frequencies (SRF), which is critical for high-frequency filtering. * **Common Applications:** 1. **RF Impedance Matching:** Used in the matching networks of antennas for smartphones and Wi-Fi modules. 2. **Filter Networks:** High-pass, low-pass, and band-pass filters in telecommunications. 3. **VCOs:** Voltage Controlled Oscillators where high Q is necessary for low phase noise. --- ### 4. Handling and Soldering * **Moisture Sensitivity:** Typically Level 1 (MSL 1), meaning unlimited floor life at $<30^{\circ}C / 85\% RH$. * **Soldering:** Recommended for reflow soldering. Note that the "G" code indicates gold termination, which is excellent for preventing oxidation but requires specific solder profile considerations to avoid "gold embrittlement" in specific high-reliability aerospace applications (though standard for commercial use).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of an RF circuit?
    • ⤷ Are there direct equivalents for this part from other manufacturers like Murata or TDK?