Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R18XL

  • AI
    The **0603CS-R18XL** is a specific part number for a surface-mount ceramic chip inductor, typically manufactured by **Coilcraft**. It belongs to the 0603CS series, which is known for high Q factors and high self-resonant frequencies. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Size** | 0603 | Imperial footprint (1.6 x 0.8 mm) | | **Series** | CS | Ceramic chip inductor (Wire-wound) | | **Inductance** | R18 | 180 nanoHenries (nH) | | **Tolerance** | X | Typically ±5% (standard for this series) | | **Termination** | L | RoHS compliant silver-palladium-platinum-glass frit | --- ### 2. Technical Specifications The "XL" designation often refers to specific performance characteristics or packaging within the Coilcraft high-inductance range. * **Inductance:** 180 nH * **Tolerance:** ±5% (J) or ±10% (K) depending on the specific datasheet suffix. * **Quality Factor (Q):** Typically very high (approx. 25-30 at 100 MHz), making it ideal for RF tuning. * **SRF (Self-Resonant Frequency):** Approximately 1250 MHz. * **DCR (DC Resistance):** Max ~1.25 Ohms. * **Current Rating (Irms):** Approximately 400 mA. --- ### 3. Core Construction: Wire-Wound Ceramic Unlike multilayer inductors, the **0603CS** series uses a **wire-wound** construction on a ceramic core. * **Ceramic Core:** Provides excellent thermal stability and a very high Q factor compared to ferrite cores. * **Wire-Wound:** Provides lower DC resistance and higher current handling than multilayer equivalents. * **Encapsulation:** Usually features a transparent top coating to protect the fine wire and allow for vacuum pick-and-place assembly. --- ### 4. Typical Applications Due to its high frequency response and precision, this part is commonly found in: 1. **RF Impedance Matching:** Used in the front-end of wireless communication devices (Wi-Fi, Bluetooth). 2. **Filter Networks:** High-pass, low-pass, and band-pass filters for signal integrity. 3. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). 4. **Mobile Infrastructure:** Signal amplification stages in cellular base stations.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic core and ferrite core inductors?
    • ⤷ How does the '0603' size compare to the metric '1608' size?
    • ⤷ Can you explain how the Q factor affects RF circuit performance?