Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R22X

  • AI
    The **0603CS-R22X** is a high-performance **Wirewound Ceramic Core Chip Inductor** manufactured by Coilcraft. This specific part is widely used in high-frequency (RF) communication applications. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the part number: | Segment | Value | Description | | :--- | :--- | :--- | | **0603** | Size Code | Standard EIA 0603 footprint (1.6 x 0.8 mm) | | **CS** | Series | Ceramic core, wirewound construction | | **-R22** | Inductance | **220 nH** (R denotes decimal, 0.22 µH = 220 nH) | | **X** | Tolerance | Typically ±5% (J) or ±2% (G) depending on the full suffix | --- ### 2. Key Technical Specifications The electrical characteristics of the **R22 (220 nH)** variant are as follows: * **Inductance:** 220 nH * **Tolerance:** ±5% (most common) * **Quality Factor (Q):** Very high (Typically 50+ at 250 MHz) * **Self-Resonant Frequency (SRF):** 1150 MHz (1.15 GHz) * **DCR (Direct Current Resistance):** Max 0.700 Ohms * **Irms (Max Current):** ~400 mA --- ### 3. Physical Construction Unlike multilayer inductors, the **CS series** uses a wirewound design on a ceramic body: * **Ceramic Core:** Provides excellent thermal stability and a high SRF compared to ferrite cores. * **Wirewound Design:** A copper wire is wrapped around the core, which allows for significantly higher **Q factors** and higher current carrying capacity. * **Terminations:** Silver-palladium-platinum-glass frit or gold over nickel. --- ### 4. Typical Applications Because of its high precision and high-frequency performance, the 0603CS-R22X is found in: 1. **RF Matching Circuits:** Used for impedance matching in antennas. 2. **Filters:** Band-pass, low-pass, and high-pass filters for wireless signals. 3. **Bluetooth/WLAN:** Signal conditioning in 2.4 GHz and sub-GHz modules. 4. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. --- ### 5. Footprint (EIA 0603) The physical dimensions are critical for PCB design: ```text Length: 1.6 mm (± 0.2) Width: 0.8 mm (± 0.2) Height: 0.8 mm (± 0.2) ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of a wirewound inductor over a multilayer inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the usable range of this part?
    • ⤷ Can this inductor be used in high-power DC-DC converters?