Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R25XL

  • AI
    The **0603CS-R25XL** is a specific part number for a surface-mount inductor, typically manufactured by **Coilcraft**. It belongs to the 0603CS series, which is known for its high Q factors and wire-wound construction. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's exact specifications: | Code | Segment | Description | | :--- | :--- | :--- | | **0603** | Size Code | Standard EIA footprint (1.6 x 0.8 mm). | | **CS** | Series | Ceramic core, wire-wound chip inductor. | | **R25** | Inductance | **250 nH** (R denotes decimal; 250 nanohenries). | | **X** | Tolerance | Typically ±5% (J) or ±10% (K); X often refers to standard testing. | | **L** | Termination | RoHS compliant Silver-Palladium-Platinum-Glass frit. | --- ### 2. Technical Specifications This component is designed for high-frequency RF applications where low loss is critical. * **Inductance:** 250 nH * **Tolerance:** Typically ±5% * **Quality Factor (Q):** High (typically > 60 at 250 MHz) * **Self-Resonant Frequency (SRF):** Approximately 1100 MHz (1.1 GHz) * **DCR (Direct Current Resistance):** Max ~1.10 Ohms * **Current Rating (Irms):** ~300 mA --- ### 3. Key Features and Construction The "CS" series utilizes a **wire-wound ceramic core** structure, which offers several advantages over multilayer or ferrite inductors: 1. **High Q Factor:** The wire-wound nature allows for much lower DC and AC resistance at high frequencies. 2. **High SRF:** The ceramic core is non-magnetic, allowing the inductor to maintain its properties into the GHz range. 3. **Tight Tolerances:** Precise winding allows for more accurate inductance values compared to mass-produced multilayer parts. --- ### 4. Common Applications Due to its high-frequency performance, the 0603CS-R25XL is commonly found in: * **RF Impedance Matching:** Used in the front-end circuits of Wi-Fi and Bluetooth modules. * **Filters:** High-pass, low-pass, and band-pass filters for signal processing. * **Oscillators:** Serving as a frequency-determining element in VCOs (Voltage Controlled Oscillators). * **Decoupling:** Providing high-frequency noise isolation in RF power lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I substitute a 0603 multilayer inductor for this wire-wound part?