Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R27XJRW

  • AI
    The part number **0603CS-R27XJRW** refers to a high-frequency, wirewound surface-mount (SMD) inductor, typically manufactured by **Coilcraft**. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | Imperial size (approx. 1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic core, wirewound inductor series | | **R27** | Inductance Value | R represents decimal point: **270 nH** (0.27 µH) | | **X** | Termination | Standard (usually Silver-palladium-platinum-glass frit) | | **J** | Tolerance | **±5%** | | **R** | Packaging | 7″ machine-ready reel (plastic tape) | | **W** | Environmental | RoHS compliant / Lead-free | --- ### 2. Technical Specifications These inductors are designed for RF (Radio Frequency) applications where high precision and low loss are required. | Feature | Specification | | :--- | :--- | | **Inductance** | 270 nH @ 100 MHz | | **Q Factor (min)** | 33 @ 100 MHz | | **SRF (Self-Resonant Freq)** | 1100 MHz (Typical) | | **DCR (Max DC Resistance)** | 1.00 Ohms | | **Irms (Max Current)** | 350 mA | | **Operating Temp** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Wirewound Technology:** Unlike multilayer inductors, the wirewound construction allows for much higher **Q factors** (quality factor) and higher current carrying capacity. * **Ceramic Core:** The non-magnetic core provides exceptional thermal stability and high SRF, making it ideal for high-frequency tuning. * **Miniature Footprint:** The 0603 package is a standard in mobile and compact electronics. --- ### 4. Common Applications Due to its high resonance and stability, the 0603CS-R27XJRW is commonly used in: * **RF Impedance Matching:** Used in the signal path between an antenna and a transceiver. * **Filter Circuits:** Low-pass, high-pass, and band-pass filters for wireless communication. * **Bluetooth/Wi-Fi Modules:** Frequency tuning and noise suppression in GHz range devices. * **Oscillators:** Stability in Voltage Controlled Oscillators (VCOs).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can this inductor be used in high-power power supply applications?