Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R33XJRY

  • AI
    ## Detailed Analysis of 0603CS-R33XJRY The **0603CS-R33XJRY** is a high-performance **Wirewound Ceramic Core Inductor** manufactured by **Coilcraft**. These components are widely used in Radio Frequency (RF) applications due to their high Q-factors and tight tolerances. ### 1. Part Number Breakdown Decoding the part number reveals the specific technical characteristics of the component: | Segment | Code | Description | | :--- | :--- | :--- | | **Size** | 0603 | Industry standard footprint (1.6 x 0.8 mm) | | **Series** | CS | Ceramic chip inductor (Wirewound) | | **Inductance** | R33 | 0.33 µH (or 330 nH) | | **Tolerance** | J | ±5% | | **Termination** | R | RoHS compliant matte tin over nickel over silver-platinum-glass frit | | **Packaging** | Y | 7″ machine-ready plastic reel (2000 parts per reel) | --- ### 2. Technical Specifications The electrical performance is optimized for high-frequency filtering and impedance matching. * **Inductance:** 330 nH * **Tolerance:** ±5% * **Quality Factor (Q min):** 35 at 100 MHz * **Self-Resonant Frequency (SRF typ):** 1050 MHz (1.05 GHz) * **DC Resistance (DCR max):** 1.40 Ohms * **Isat / Irms (Current Rating):** 310 mA --- ### 3. Key Features and Applications #### Features * **Wirewound Construction:** Offers much higher Q-factors and current handling capabilities compared to multilayer inductors. * **Ceramic Core:** Provides excellent thermal stability and very high self-resonant frequencies. * **Small Footprint:** The 0603 package is ideal for high-density PCB designs. #### Typical Applications * **RF Impedance Matching:** Used in the output stages of power amplifiers. * **High-Frequency Filtering:** Low-pass, high-pass, and band-pass filters for wireless communication. * **Bluetooth/WLAN Modules:** Found in consumer electronics for signal integrity. * **VCOs:** Voltage Controlled Oscillators in telecommunications infrastructure. --- ### 4. Footprint and Land Pattern To ensure proper soldering and RF performance, the following dimensions (in mm) are standard for the 0603CS series: ```text [1.60mm] +--------------+ | (Top) | [0.80mm] +--------------+ Recommended Land Pattern: [0.64] [0.66] [0.64] --- --- --- | A | | B | | C | --- --- --- (A & C are Solder Pads, B is the gap) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wirewound and multilayer ceramic inductors?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the usable range of this inductor?
    • ⤷ Are there alternative termination materials available for high-reliability or medical applications?