Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0603CS-R33X_L

  • AI
    The **0603CS-R33X_L** is a specific part number for a surface-mount (SMD) inductor, typically manufactured by **Coilcraft**. It belongs to the 0603CS series, which are high-frequency ceramic chip inductors known for their high Q-factors. ### 1. Part Number Breakdown The nomenclature reveals the core specifications of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic chip inductor (Wire-wound) | | **R33** | Inductance Value | **330 nH** (R denotes the decimal point in µH) | | **X** | Tolerance | Typically ±5% (J) or ±10% (K) depending on datasheet rev | | **_L** | Termination/Packing | Usually indicates lead-free (RoHS) and packaging style | --- ### 2. Key Technical Specifications Based on the standard 0603CS series datasheet, here are the typical electrical characteristics for the **R33** (330 nH) variant: * **Inductance:** 330 nH * **Tolerance:** ±5% (standard for this series) * **Quality Factor (Q):** Minimum 35 at 100 MHz (High Q ensures low energy loss) * **SRF (Self-Resonant Frequency):** ~850 MHz (The limit at which it stops acting as an inductor) * **DCR (DC Resistance):** ~1.05 Ohms (The internal resistance of the wire) * **Irms (Maximum Current):** ~210 mA --- ### 3. Physical Construction Unlike multilayer inductors, the **0603CS** series uses **Wire-wound technology** on a ceramic core: * **Ceramic Core:** Provides excellent thermal stability and a high self-resonant frequency. * **Wire-wound:** A tiny copper wire is wound around the core, offering much lower DC resistance and higher current handling than film or multilayer types. * **Encapsulation:** Usually features a transparent "hat" or coating on top to allow for vacuum pickup by automated assembly machines. --- ### 4. Common Applications Due to its high Q and high frequency performance, this part is commonly used in: 1. **RF Matching Circuits:** Impedance matching for antennas in cellular or Wi-Fi modules. 2. **Filter Networks:** Used in band-pass or low-pass filters for signal processing. 3. **VCOs:** Voltage Controlled Oscillators where stable inductance is critical. 4. **Bluetooth/Zigbee:** Small-form factor wireless communication devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the choice of an inductor?
    • ⤷ Can this inductor be used in high-power power supply applications?