Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 06BEEG3F/-R

  • AI
    The **06BEEG3F/-R** is a high-performance Power Entry Module (PEM) manufactured by Delta Electronics. It is part of the **B Series** and is designed to integrate multiple power components into a single, compact housing to save space and reduce electromagnetic interference (EMI). --- ## 1. Component Specifications Below are the primary technical characteristics of the 06BEEG3F/-R: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 115V / 250V AC | | **Rated Current** | 6 Amps | | **Operating Frequency** | 50 / 60 Hz | | **Connector Type** | IEC 320-C14 (Male Inlet) | | **Fuse Type** | Double Fuse (5x20mm) | | **Switch Type** | DPST (Double Pole Single Throw) | | **Mounting Type** | Flange Mount (Screw-in) | | **Leakage Current** | 0.45 mA (at 250VAC/50Hz) | --- ## 2. Integrated Electronic Parts The "06BEEG3F/-R" is a multi-functional assembly. It typically consists of four main sub-components: ### A. EMI/RFI Filter This is the internal circuit designed to suppress noise. It contains: * **X-Capacitors:** Connected across the lines to filter differential mode noise. * **Y-Capacitors:** Connected from line/neutral to ground to filter common-mode noise. * **Common Mode Choke:** An inductor that prevents high-frequency noise from entering or leaving the equipment. ### B. IEC C14 Power Inlet The standard 3-pin male connector that accepts a standard power cord. This is the physical interface between the external power source and the device. ### C. Double Fuse Holder The "G" in the part number often signifies the fuse drawer configuration. * **Dual Fusing:** It allows for fuses on both the Line and Neutral sides, providing extra safety in international markets where plug polarity might be reversed. * **Fuse Size:** Designed for standard 5x20mm glass or ceramic fuses. ### D. Power Switch (DPST) A rocker switch that provides a physical disconnect for the device. Being **Double Pole Single Throw**, it disconnects both the hot and neutral wires simultaneously for safety. --- ## 3. Part Number Suffix Breakdown * **06:** Rated current of 6 Amps. * **BEE:** Refers to the physical housing style (Metal casing for shielding). * **G3F:** Refers to the specific combination of the fuse holder and switch orientation. * **-R:** Indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or cadmium. --- ## 4. Application Circuit Diagram In a typical system, the wiring follows this logic: ```text [ AC Mains ] ---> [ Fuse ] ---> [ Switch ] ---> [ EMI Filter ] ---> [ Internal PSU ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions for the mounting cutout of the 06BEEG3F?
    • ⤷ What is the difference between the 'G3' and 'G3F' versions in this series?
    • ⤷ What type of fuses are recommended for use with this 6A module?