Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 06GENG3EW3E-R

  • AI
    The part number **06GENG3EW3E-R** refers to a high-performance **Power Entry Module** (PEM) manufactured by **Delta Electronics**. This component is specifically designed to filter electromagnetic interference (EMI) and provide a safe connection point for AC power in electronic equipment. --- ### ## Technical Specifications The following table outlines the primary electrical and physical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Delta Electronics | | **Component Type** | AC Power Entry Module (Filtered) | | **Rated Voltage** | 115 / 250 VAC | | **Rated Current** | 6 Amperes | | **Operating Frequency** | 50 / 60 Hz | | **Leakage Current** | 0.45mA (max) @ 250V / 50Hz | | **Mounting Type** | Flange Mount (Screw-in) | | **Termination Style** | Wire Lead (Pigtails) | | **Connector Type** | IEC 320-C14 (Male) | --- ### ### Core Electronic Components This module is not just a plastic socket; it contains a built-in **EMI Filter** circuit typically consisting of: 1. **Inductors (Chokes):** To suppress common-mode noise coming from the power line. 2. **X-Capacitors:** Connected across the line to filter differential-mode noise. 3. **Y-Capacitors:** Connected from line/neutral to ground to bypass high-frequency interference. 4. **Bleeder Resistor:** A high-value resistor used to discharge the capacitors when power is disconnected for safety. --- ### ### Key Features and Applications * **Integrated Design:** Combines an IEC inlet and an EMI filter into a single compact housing, saving internal chassis space. * **Compliance:** Designed to meet international safety standards (UL, CSA, VDE) to ensure the device does not emit excessive noise back into the power grid. * **Applications:** * Medical equipment (where low leakage is critical). * Industrial automation controls. * Telecommunications hardware. * Test and measurement instruments. --- ### ### Deciphering the Part Number (Nomenclature) While Delta's numbering varies, the code generally breaks down as follows: * **06:** Rated current (6 Amps). * **GEN:** Series designation (General purpose filtering). * **G3:** Specific mechanical configuration (Inlet type). * **E:** Earth connection/filter type. * **W:** Termination style (Wires/Leads). * **-R:** RoHS compliant (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷ What is the difference between this wire-lead version and the solder-lug version of this module?
    • ⤷ Can this module be used in medical applications requiring extremely low leakage current?
    • ⤷ How do I calculate the insertion loss for this specific EMI filter?