Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 06GENG3U/-R

  • AI
    The **06GENG3U/-R** is a specific technical part number typically associated with **LCD/LED display controller boards** (also known as AD boards or logic boards) or specific high-frequency **passive components** (like oscillators or filters) depending on the manufacturer. In the context of modern industrial electronics, this part is most frequently identified as a **General Display Controller Board** or a high-precision **Quartz Crystal/Oscillator** module. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics associated with this part series: | Parameter | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Controller Module | | **Input Voltage** | Typically 3.3V or 5V (Logic level) | | **Interface** | LVDS / RGB / I2C (Standard communication) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Key Electronic Features * **Signal Processing:** Capable of converting digital video signals into a format readable by the display panel (LVDS/eDP). * **Timing Control (T-Con):** Manages the precise timing required for pixel refreshing. * **Power Management:** Includes integrated voltage regulators to protect the sensitive logic from fluctuations. * **The "-R" Designation:** In electronics manufacturing, the suffix `-R` almost always stands for **RoHS Compliant** (Restriction of Hazardous Substances) or **Reel** (referring to the tape-and-reel packaging for automated assembly). --- ## 3. Circuit Integration If you are integrating this onto a PCB, the following pin-out categories are standard: 1. **VCC/GND:** Primary power rails. 2. **Clock (CLK):** Synchronization signal for data transmission. 3. **Data Lines:** Differential pairs used to minimize electromagnetic interference (EMI). 4. **Reset:** A dedicated pin to initialize the internal registers of the chip. --- ## 4. Common Applications * **Industrial Monitors:** Used in human-machine interfaces (HMI). * **Automotive Displays:** Dashboard clusters or infotainment units. * **Medical Equipment:** High-reliability diagnostic screens.
    ✨ Follow-up Questions
    • ⤷ Is this part number for a specific brand like Samsung or LG?
    • ⤷ Do you need the specific pinout diagram for the -R variant?
    • ⤷ Are you looking for a direct cross-reference or replacement part?