Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0703-R56-R

  • AI
    The part number **0703-R56-R** typically refers to a **Surface Mount Device (SMD) Power Inductor**. Components with this numbering scheme are common in high-frequency DC-DC converter applications. ### 1. Component Breakdown The alphanumeric code follows a standard industry format for passive components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0703** | **Case Size** | Indicates dimensions, usually approx. **7.0mm x 7.0mm x 3.0mm**. | | **R56** | **Inductance Value** | "R" acts as a decimal point. **0.56 microhenries (µH)**. | | **R** | **Tolerance/RoHS** | Often signifies **RoHS Compliance** or a specific tolerance (e.g., ±20%). | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Coilcraft, Wurth, or Bourns), a 0.56µH inductor in a 0703 package generally features: * **Inductance:** 0.56 µH. * **DC Resistance (DCR):** Very low (typically < 10 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** High capacity, often ranging from **8A to 15A** depending on the core material. * **Core Material:** Usually **Ferrite** or **Molded Iron Powder** for high efficiency and low EMI. * **Shielding:** Most "0703" parts are **Magnetic Shielded** to prevent interference with nearby components. --- ### 3. Common Applications This specific value (0.56µH) is a low inductance value, making it ideal for high-speed switching environments: * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power phases. * **DC-DC Converters:** Point-of-Load (POL) converters where high current and high switching frequencies (up to 5MHz) are required. * **Battery Powered Devices:** Used in tablets or laptops for efficient power management. * **LED Drivers:** Providing steady current to high-brightness LEDs. --- ### 4. Identification Example If you are looking at the physical part, it is usually a square black or grey component with two metal pads on the bottom. The top is often marked with **"R56"**. ```markdown Physical Characteristics: - Type: SMD (Surface Mount Device) - Shape: Square - Termination: Lead-free (RoHS) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and unshielded inductor in this size?
    • ⤷ How do I calculate if 0.56uH is the correct value for my buck converter?
    • ⤷ Which manufacturers are the primary suppliers for the 0703 series?