Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0795405015

  • AI
    Based on the part number **0795405015**, this is a specific automotive electrical component, most commonly associated with **Komatsu** heavy machinery or **Toyota/Lexus** fuel systems (often related to high-pressure sensors or wiring assemblies). Below is a breakdown of the technical specifications and characteristics typically associated with this part number. --- ### 1. Component Overview The part is generally categorized as a **Pressure Sensor** or a **Pressure Switch Assembly**. It is designed to monitor fluid pressures (fuel or hydraulic) and convert that physical pressure into an electrical signal for the Engine Control Unit (ECU). ### 2. Technical Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Pressure Sensor / Transducer | | **Connection Type** | Multi-pin connector (typically 3-pin for Power, Ground, and Signal) | | **Material** | Stainless steel body with high-temp plastic housing | | **Operating Voltage** | Usually 5V DC (Reference voltage from ECU) | | **Signal Type** | Analog voltage output (0.5V to 4.5V range) | | **Application** | Fuel Rail Pressure or Hydraulic System monitoring | ### 3. Key Electronic Functions * **Piezo-resistive Element:** Inside the sensor, a small diaphragm with integrated resistors changes its electrical resistance when pressure is applied. * **Signal Conditioning:** The internal circuitry amplifies the micro-signals from the diaphragm into a stable voltage that the machine's computer can interpret. * **Feedback Loop:** This part allows the ECU to adjust pump timing or pressure relief valves to maintain optimal system performance. ### 4. Common Failure Symptoms If this electronic part malfunctions, you may observe the following: 1. **Fault Codes:** Check Engine Light (CEL) or specific Error Codes (e.g., P0190 - Fuel Rail Pressure Sensor Circuit). 2. **Limp Mode:** The machine/vehicle may limit RPM to prevent engine damage. 3. **Erratic Idling:** Fluctuations in pressure readings cause the ECU to struggle with fuel delivery. 4. **Hard Starting:** Incorrect pressure readings during startup can prevent the fuel injectors from firing correctly. --- ### 5. Identification Code Examples ```json { "part_number": "0795405015", "category": "Electronic Sensors", "compatibility": ["Komatsu", "Toyota", "Denso Systems"], "mounting_thread": "M12 or M18 (Application dependent)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific machine or vehicle model you are using this part for?
    • ⤷ Are you looking for a pin-out diagram for the electrical connector?
    • ⤷ Do you need a list of equivalent cross-reference part numbers?