Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0805HT-R10TGLC

  • AI
    The part number **0805HT-R10TGLC** refers to a high-frequency, wire-wound surface mount (SMD) inductor, typically manufactured by **Coilcraft**. These components are designed for high-performance RF (Radio Frequency) circuits. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **0805** | Case Size | 0.08 x 0.05 inches (2.01 x 1.27 mm) | | **HT** | Series | High Temperature / High Q Wire-wound | | **R10** | Inductance Value | 0.10 µH (or 100 nH) | | **T** | Tolerance | ±10% (Commonly; verify with datasheet) | | **G** | Termination | Gold over Nickel over Moly-Manganese | | **L** | Packaging | Tape and Reel (Standard) | | **C** | Testing/Grade | Commercial / Standard testing | --- ### 2. Technical Specifications This inductor is built using a ceramic core with a wire winding, which provides superior performance compared to multilayer chip inductors. * **Inductance:** 100 nH (at 250 MHz) * **Quality Factor (Q):** High Q (typically > 60 at 500 MHz), which reduces signal loss. * **Self-Resonant Frequency (SRF):** Typically around 1200 MHz (1.2 GHz). * **DCR (DC Resistance):** Low resistance to minimize power dissipation. * **Maximum Current:** Capable of handling moderate DC currents (approx. 400mA - 600mA depending on specific rev). --- ### 3. Key Features and Applications #### Features * **Wire-wound Construction:** Ensures very tight tolerances and high stability across temperature ranges. * **High Q Factor:** Essential for sharp filter characteristics and low insertion loss in RF paths. * **Compact 0805 Footprint:** Standard industry size for automated PCB assembly. #### Applications * **RF Tuning:** Used in resonant circuits for oscillators. * **Impedance Matching:** Matching antennas to transceivers in wireless devices. * **Filtering:** Low-pass, high-pass, or band-pass filters for Wi-Fi, Bluetooth, and cellular bands. * **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs. --- ### 4. Comparisons | Feature | Wire-wound (0805HT) | Multilayer Inductor | | :--- | :--- | :--- | | **Efficiency (Q)** | Very High | Moderate/Low | | **Current Handling** | High | Low | | **Cost** | Higher | Lower | | **SRF** | High | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'HT' and 'HQ' series in Coilcraft inductors?
    • ⤷ How does the gold termination (G) affect the soldering process?
    • ⤷ Can this inductor be used in automotive-grade applications?