Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0805HT-R18TGLC

  • AI
    The **0805HT-R18TGLC** is a high-frequency, wire-wound surface mount (SMD) inductor. It is part of the **0805HT series**, which is widely used in RF (Radio Frequency) and wireless communication circuits due to its high precision and performance characteristics. --- ### ## Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Value / Specification | | :--- | :--- | | **Part Number** | 0805HT-R18TGLC | | **Inductance** | 180 nH (Nanohenries) | | **Tolerance** | ±2% (indicated by "G") | | **Package Size** | 0805 (Metric 2012) - 2.0mm x 1.25mm | | **Wire Type** | Wire-wound Ceramic Core | | **Self-Resonant Frequency (SRF)** | Typ. 900 MHz to 1.2 GHz | | **DC Resistance (DCR)** | Low (typically < 1.0 $\Omega$) | | **Termination** | Gold (indicated by "LC") | --- ### ## Key Features 1. **High Q Factor:** Because it is a wire-wound inductor rather than a multilayer one, it offers a high Quality (Q) factor, which is essential for low loss in high-frequency applications. 2. **Precision Tolerance:** The **±2%** tolerance makes it suitable for tuning circuits and filters where exact inductance values are critical. 3. **High SRF:** The self-resonant frequency is high enough to allow operation in the gigahertz range without the component becoming capacitive. 4. **Ceramic Core:** The non-magnetic ceramic core ensures stable inductance across a wide temperature range and prevents saturation. --- ### ## Application Areas This specific inductor is commonly found in: * **RF Filters:** Bandpass, high-pass, and low-pass filters for signal processing. * **Impedance Matching:** Used in the matching networks of antennas to ensure maximum power transfer. * **Wireless Infrastructure:** Cellular base stations, Wi-Fi routers, and Bluetooth modules. * **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) to set frequency stability. --- ### ## Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **0805:** Physical size (0.08 x 0.05 inches). * **HT:** High Temperature / High Q series. * **R18:** Inductance value (R = decimal point; 0.18 $\mu$H or 180 nH). * **T:** Packaging (usually Tape & Reel). * **G:** Tolerance (G = 2%, J = 5%, K = 10%). * **LC:** Termination finish (usually Gold or RoHs compliant coating).
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the 'Q factor' impact the performance of this specific inductor?
    • ⤷ Can you provide a circuit diagram example where a 180nH inductor is typically used?