Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0A1-R1

  • AI
    The **0A1-R1** (often found in documentation as part of the **A01-R1** or similar series) typically refers to a specific hardware revision for **Arduino-compatible boards**, specifically the **Arduino Uno R1** or specific power modules and industrial logic controllers. The "R1" suffix stands for **Revision 1**, indicating the original design of that specific part series. --- ### 1. Primary Components & Specifications If we are looking at the foundational electronic components of an "R1" logic board (like the Arduino Uno R1 or similar AVR-based modules), these are the core parts: | Component Category | Part Example | Function | | :--- | :--- | :--- | | **Microcontroller** | ATmega328P | The "brain" that executes code and processes logic. | | **USB Controller** | ATmega8U2 | Handles the communication between the PC and the main chip. | | **Voltage Regulator** | NCP1117ST50 | Converts external input (7-12V) down to a stable 5V. | | **Clock Source** | 16MHz Crystal/Resonator | Provides the timing pulse for the CPU. | | **Protection** | Polyfuse (Resettable) | Protects the USB port from overcurrent/shorts. | --- ### 2. Key Electronic Sections #### A. Power Regulation The R1 design usually features a DC barrel jack. The circuit includes: * **M7 Diode:** Provides reverse polarity protection so the board doesn't fry if the power leads are swapped. * **Electrolytic Capacitors:** (Typically 47uF or 100uF) Used to smooth out voltage ripples from the power supply. #### B. The Communication Bridge In R1 versions of many development boards, a dedicated chip (like the **ATmega8U2**) replaced older FTDI chips. This chip is programmed specifically to act as a bridge. If this chip fails, the board can no longer be programmed via USB, even if the main microcontroller is healthy. #### C. Input/Output (I/O) Logic * **Digital Pins:** 0-13 (with PWM capabilities on specific pins). * **Analog Pins:** A0-A5 (connected to a 10-bit Analog-to-Digital Converter). * **LED Indicators:** Usually four LEDs (ON, TX, RX, and the user-programmable Pin 13 LED). --- ### 3. Schematic Identification When looking for this part in a circuit diagram, look for these specific labels: * **U1:** Usually the main Microcontroller. * **U2:** Usually the USB-to-Serial converter. * **C1/C2:** Decoupling capacitors placed near the power pins to filter noise. * **L:** The built-in LED connected to digital pin 13. --- ### 4. Technical Differences (R1 vs. Later Revisions) | Feature | R1 (0A1/A01) | R3 (Current Standard) | | :--- | :--- | :--- | | **USB Chip** | ATmega8U2 | ATmega16U2 (More memory) | | **Pinout** | Standard pins | Added SDA/SCL and IOREF pins | | **Reset Circuit** | Basic resistor/capacitor | Improved diode-based reset circuit |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R1 and R3 revisions?
    • ⤷ How do I troubleshoot a power regulation failure on an R1 board?
    • ⤷ Can the ATmega8U2 chip be reflashed with custom firmware?