Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0AD-R

  • AI
    It appears you are referring to the **0AD-R**, which is a common part number prefix or suffix for **Surface Mount Device (SMD) Resistors**, specifically within the **0805 metric/imperial** sizing or specific manufacturer series (like those from Yageo or Walsin). In the context of electronics, "0AD-R" usually points to a specific configuration of a passive component. Below is a breakdown of the electronic characteristics associated with this part type. --- ## 1. Technical Specifications Table If we look at a typical **0805 SMD Resistor** often associated with this nomenclature: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Package / Case** | 0805 (2012 Metric) | | **Power Rating** | Typically 0.125W (1/8 W) | | **Operating Temp** | -55°C to +155°C | | **Voltage Rating** | 150V (Max) | | **Termination** | Lead-free, Solderable Nickel barrier | --- ## 2. Breakdown of the Component Parts ### A. The Substrate The base of the part is usually made of **Alumina (Al2O3) Ceramic**. This provides the structural integrity and thermal insulation needed to prevent the circuit board from overheating. ### B. The Resistive Element The "heart" of the 0AD-R is the **Thick Film** layer. * It consists of a metal-glaze paste (a mix of glass and precious metals like Ruthenium Oxide). * The resistance value is determined by the composition of this paste and the laser-trimming process. ### C. The Protective Coating To prevent environmental damage (oxidation, moisture, or physical scratches), the resistive element is covered by a **Glass or Epoxy Overcoat**. ### D. The Terminations The ends of the component are multilayered to ensure a strong solder bond: 1. **Internal Electrode:** Silver (Ag) based. 2. **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering. 3. **External Finish:** Matte Tin (Sn) for RoHS compliance and easy soldering. --- ## 3. Common Applications These parts are "workhorses" in the electronics industry and are found in: * **Current Limiting:** Protecting LEDs or transistors. * **Voltage Dividers:** Setting reference voltages in power supplies. * **Pull-up/Pull-down:** Ensuring stable logic levels in microcontrollers. --- ## 4. Example Identification (SMD Marking) If the part is a standard resistor, the resistance value is often printed using a 3-digit or 4-digit code: ```text Example: "103" 1st & 2nd Digit: 10 3rd Digit (Multiplier): 10^3 Result: 10,000 Ohms (10kΩ) ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for a specific resistance value (Ohms) for this part?
    • ⤷ Do you need the datasheet for a specific manufacturer like Yageo or Vishay?
    • ⤷ Are you trying to identify this part on a specific PCB or device?