Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0BCA-R

  • AI
    The **0BCA-R** (often referenced with prefix variations like **BTM-0BCA-R**) is an electronic component primarily associated with **Bluetooth communication modules**, specifically those utilized in industrial automation, automotive diagnostic tools, and wireless data transmission systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The 0BCA-R is a Surface Mount Device (SMD) module designed to provide a plug-and-play wireless interface for microcontrollers. It typically operates on the Bluetooth Classic or Dual-Mode standard. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Interface** | UART (Universal Asynchronous Receiver-Transmitter) | | **Voltage Supply** | 3.3V DC (Typical range: 3.0V - 3.6V) | | **Communication Range** | 10m to 100m (Class 1 or Class 2 depending on antenna) | | **Frequency Band** | 2.4GHz ISM Band | | **Mounting Type** | SMD / SMT (Surface Mount Technology) | --- ## 2. Core Functional Blocks The internal architecture of a 0BCA-R module generally consists of the following electronic stages: 1. **RF Transceiver:** Handles the modulation and demodulation of radio signals at 2.4GHz. 2. **Baseband Processor:** Manages the Bluetooth protocol stack (pairing, security, and data packet assembly). 3. **Flash Memory:** Stores firmware and configuration settings (AT commands). 4. **Crystal Oscillator:** Provides the precise clock signal required for stable RF communication. 5. **Matching Circuitry:** A network of inductors and capacitors (L-C circuit) that matches the impedance to the antenna (usually 50 ohms). --- ## 3. Pin Configuration and Integration When integrating the 0BCA-R into a PCB design, the following pinouts are the most critical: * **VCC/GND:** Power supply pins. It is highly sensitive to noise, so decoupling capacitors (usually 0.1µF and 10µF) are recommended. * **TX/RX:** Serial data lines used to communicate with a host MCU (like an STM32 or Arduino). * **STATE/Status:** Provides a digital HIGH/LOW signal indicating if the module is currently paired with another device. * **EN/Reset:** Used to power down or reboot the module for energy saving. --- ## 4. Common Applications Due to its reliability and standard UART interface, the 0BCA-R is frequently found in: * **OBD-II Scanners:** Used in automotive tools to transmit engine data to a smartphone. * **Wireless PLC Programming:** Allowing technicians to update industrial controllers without physical cables. * **Data Loggers:** Transmitting sensor data from remote locations to a central hub. ---
    ✨ Follow-up Questions
    • ⤷What are the specific AT commands used to configure the 0BCA-R module?
    • ⤷ How does the power consumption of the 0BCA-R compare to BLE-only modules?
    • ⤷ What is the recommended PCB footprint and soldering profile for the 0BCA-R?