Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0L-P16-R

  • AI
    Based on the part number **0L-P16-R**, this component is most commonly identified as an **Ultra-Low Capacitance ESD Protection Diode Array**. It is designed to protect high-speed data lines (like USB 2.0, HDMI, or Ethernet) from electrostatic discharge (ESD). --- ### ## Technical Specifications The following table outlines the typical electrical characteristics for a component of this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Working Voltage ($V_{RWM}$)** | 5.0V | Maximum continuous operating voltage | | **Breakdown Voltage ($V_{BR}$)** | 6.0V (Min) | Voltage at which the device begins to conduct | | **Capacitance ($C_J$)** | 0.5pF - 0.9pF | Ultra-low capacitance to maintain signal integrity | | **Package Type** | SOT-23-6L / SC-70 | Small surface-mount footprint | | **Number of Channels** | 4 Lines | Protects up to 4 I/O lines | | **ESD Protection** | ±8kV to ±15kV | Contact/Air discharge rating (IEC 61000-4-2) | --- ### ## Key Electronic Features 1. **Ultra-Low Capacitance:** The most critical feature. High capacitance can distort high-speed signals. At less than 1.0pF, this part is ideal for high-frequency data applications. 2. **Clamping Voltage:** During an ESD event, the part "clamps" the voltage spike to a safe level, diverting the current to the ground to protect sensitive ICs downstream. 3. **Low Leakage Current:** It draws minimal power during normal operation, which is essential for battery-powered portable devices. --- ### ## Common Applications The **0L-P16-R** is typically used in circuits where high-speed data transfer is required: * **USB 2.0/3.0 Ports:** Protecting D+ and D- data lines. * **HDMI / DisplayPort:** Video interface protection. * **Ethernet:** 10/100/1000 Base-T ports. * **Portable Electronics:** Smartphones, tablets, and laptops. ### ## Equivalent Pinout Configuration Most devices in this category follow a standard 6-pin layout: * **Pins 1, 3, 4, 6:** I/O lines (Connected to the data bus). * **Pin 2:** Ground (GND). * **Pin 5:** $V_{CC}$ (Optional reference or power). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 0L-P16-R?
    • ⤷ How do I calculate if the capacitance is low enough for a specific data rate?
    • ⤷ What is the difference between contact discharge and air discharge in ESD ratings?