Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1-03-R2

  • AI
    The part number **1-03-R2** is most commonly associated with **Vesper Marine** (now part of Garmin) and refers specifically to a **Cortex M1 Replacement Component** or a high-performance **VHF/AIS Splitter cable assembly**. In the broader context of electronic components, "1-03-R2" often denotes a specific revision (R2) of a modular part. Below is the breakdown of its technical context and specifications. --- ### 1. Technical Specifications This part is typically used in marine communication systems where high-frequency signal integrity is critical. | Feature | Specification | | :--- | :--- | | **Component Type** | RF (Radio Frequency) Interface / Splitter Lead | | **Compatibility** | Vesper Cortex M1 / V1 Systems | | **Impedance** | 50 Ohms (Standard for Marine VHF/AIS) | | **Revision** | R2 (Updated shielding/connector durability) | | **Connector Type** | Specialized RF connector to PL-259 or BNC | --- ### 2. Key Electronic Functions The "1-03-R2" assembly serves three primary electronic purposes within a system: 1. **Signal Routing:** It allows a single VHF antenna to be shared between a VHF Voice Radio and an AIS (Automatic Identification System) transponder without signal interference. 2. **Low Insertion Loss:** The R2 revision is designed to ensure that less than 1.0 dB of signal power is lost during transmission, which is vital for long-range emergency communication. 3. **EMI Shielding:** The "R2" designation often implies improved electromagnetic interference (EMI) protection, preventing the high-frequency pulses of the AIS from "bleeding" into other sensitive electronics on the bus. --- ### 3. Usage in Circuitry If you are looking at this from a PCB or assembly perspective, the part functions as an interconnect: ```yaml System: Marine Communication Hub Input: VHF Antenna (High Gain) Part 1-03-R2: - Path A: VHF Voice (Power Rating ~25W) - Path B: AIS Data (Power Rating ~12.5W) - Protection: DC Isolated to prevent surges ``` --- ### 4. Maintenance and Identification * **Visual ID:** Usually a short, high-grade coaxial cable with a custom molded boot labeled "1-03-R2". * **Common Failure Points:** Corrosion at the connector pins or physical "kinking" of the internal dielectric material, which changes the impedance and causes high SWR (Standing Wave Ratio) readings. ---
    ✨ Follow-up Questions
    • ⤷ Is this part being used in a Vesper Cortex marine system?
    • ⤷ Do you need the pinout diagram for the R2 revision connectors?
    • ⤷ Are you looking for a replacement or a technical equivalent for this component?