Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1-11-R2

  • AI
    Based on your query, **"1-11-R2"** likely refers to a specific component designation or a part number found in technical schematics (such as those for the Apple MacBook or specific industrial circuit boards). Below is a breakdown of what this nomenclature usually represents in the context of electronics. --- ## 1. Component Breakdown: Resistor Network (R2) In electronic design, "R" is the reference designator for a **Resistor**. The suffix "R2" identifies this as the second resistor or resistor network in a specific circuit block. | Part Segment | Meaning | Function | | :--- | :--- | :--- | | **1-11** | Location / Block Identifier | Often refers to Page 1, Section 11 of a schematic, or a specific net group. | | **R** | Component Type | Resistor (Limits current flow / provides voltage division). | | **2** | Sequence Number | The specific instance of the resistor in that circuit branch. | --- ## 2. Common Contexts for "1-11-R2" Depending on where you saw this label, it usually points to one of the following: ### A. MacBook Motherboard Schematics In Apple logic board schematics (e.g., 820-XXXX boards), codes like these are used to map components to specific power rails. * **Example:** It could be part of the **SMBus** or **I2C** lines where pull-up resistors are required for communication between the CPU and the Battery Management System. ### B. Industrial PLC / Terminal Blocks In industrial wiring, `1-11-R2` might refer to: * **Rack 1, Slot 11, Relay 2**. * It serves as a physical address for maintenance technicians to locate a fault in a control cabinet. --- ## 3. Technical Specifications (General) If this is a standard surface-mount resistor (SMD) often found in these positions, the specifications are typically: | Feature | Typical Value | | :--- | :--- | | **Package Size** | 0201, 0402, or 0603 (Metric) | | **Resistance** | Varies (often 0Ω jumpers or 10kΩ pull-ups) | | **Tolerance** | ±1% or ±5% | | **Material** | Thick Film or Thin Film | --- ## 4. How to Identify the Part If you are looking at a physical board and trying to replace this part, follow these steps: 1. **Check the Schematic:** Search the PDF schematic for your specific board for the string "R2" within the "1-11" sub-section. 2. **Measure with Multimeter:** If the part is not burned, desolder one side and measure the resistance ($\Omega$). 3. **Board View:** Use software like *OpenBoardView* to click on the component; it will tell you the exact value (e.g., 100K 1/16W). ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific device motherboard
    • ⤷ such as a MacBook or iPhone?
    • ⤷ Do you need the specific resistance value for a 1-11-R2 component in a particular schematic?
    • ⤷ Is this part of a PLC or industrial control system wiring diagram?