Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1-4WE-R

  • AI
    The **1-4WE-R** designation typically refers to a specific series of **Solenoid Operated Directional Spool Valves**, commonly manufactured by brands like **Bosch Rexroth** or similar industrial hydraulic specialists. These valves serve as the interface between electrical control systems and hydraulic power. --- ### 1. Key Electronic Components The "electronic" side of these valves consists primarily of the solenoid actuators and their connection interfaces. | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coil** | A copper wire winding housed in a plastic or metal casing. | Converts electrical energy into a magnetic field to move the internal plunger. | | **Armature/Plunger** | The moving metallic part inside the solenoid tube. | Physically pushes the valve spool to change fluid direction. | | **Manual Override** | A pin or button located at the end of the solenoid. | Allows manual actuation of the valve if the electronic signal fails. | | **Plug Connector** | Usually a DIN 43650 (ISO 4400) 3-pin or 4-pin connector. | Provides the electrical interface for power and grounding. | --- ### 2. Electrical Specifications Depending on the specific model suffix, the 1-4WE-R valves operate under different electrical parameters: * **Voltage Options:** * **DC:** 12V, 24V (Most common for PLC control). * **AC:** 110V, 230V (Uses a bridge rectifier integrated into the coil). * **Power Consumption:** Typically ranges from **25W to 45W** depending on the size and duty cycle. * **Duty Cycle:** Rated for **100% ED** (Continuous operation). * **Protection Class:** Usually **IP65**, meaning it is protected against dust and low-pressure water jets. --- ### 3. Decoding the Model Name (Electronic Context) | Segment | Meaning | Electronic/Mechanical Impact | | :--- | :--- | :--- | | **4** | Size 6 | Defines the physical size and power required to shift the spool. | | **WE** | Wet-pin Solenoid | The armature operates in the hydraulic oil, ensuring cooling and lubrication. | | **R** | Specific Series | Refers to the internal design revision (Series 6X or similar). | --- ### 4. Wiring Diagram (Standard DIN Connector) Most 1-4WE-R valves follow this standard wiring configuration: ```text Pin 1: Positive (+) / Phase (L) Pin 2: Negative (-) / Neutral (N) Pin 3: Not used (or specific signal) Earth: Ground (PE) ``` --- ### 5. Common Failures 1. **Coil Burnout:** Occurs due to overvoltage or if the armature is jammed (preventing the magnetic field from stabilizing). 2. **Connector Corrosion:** Moisture entering the plug can lead to short circuits. 3. **Weak Magnetic Force:** Often caused by voltage drops in long cable runs from the control cabinet.
    ✨ Follow-up Questions
    • ⤷ How do I test a 1-4WE-R solenoid coil using a multimeter?
    • ⤷ What is the difference between AC and DC solenoids in these valves?
    • ⤷ Can I swap a 24V coil with a 110V coil on the same valve body?