Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1-HA-R

  • AI
    The **1-HA-R** is a specific part number typically associated with high-precision **SMD (Surface Mount Device) Resistors**, most commonly produced by manufacturers like **KOA Speer** or **Panasonic** within their professional-grade series. --- ### 1. Technical Specifications The code "1-HA-R" generally breaks down into specific electrical characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive electronic component | | **Size Code** | 0603 (Inch) / 1608 (Metric) | Standard surface mount footprint | | **Resistance Value** | Variable | "R" often acts as a decimal point or indicates Ohms | | **Tolerance** | ±0.05% to ±0.1% | Ultra-precision grade | | **Power Rating** | 0.1W (1/10 Watt) | Standard for 0603 size at 70°C | | **Temperature Coefficient** | ±5ppm/°C to ±50ppm/°C | High stability against heat fluctuations | --- ### 2. Key Features The "HA" series designation usually refers to **High Reliability** or **High Accuracy** variants. Key features include: * **Thin Film Technology:** Unlike standard thick film resistors, these use thin film deposition for tighter tolerances and lower noise. * **AEC-Q200 Compliance:** Often qualified for automotive use, meaning they can withstand high vibration and thermal shock. * **Anti-Sulfuration:** Many parts in this series are designed to resist corrosion in harsh environments (sulfur gas exposure). * **Low Noise:** Excellent signal-to-noise ratio, making them ideal for audio and measurement circuits. --- ### 3. Common Applications Due to its high precision and stability, the 1-HA-R series is found in: 1. **Automotive Electronics:** Control units (ECUs), braking systems, and battery management. 2. **Medical Equipment:** Monitoring devices and diagnostic tools requiring high signal integrity. 3. **Industrial Automation:** Precision sensors and PLC (Programmable Logic Controller) inputs. 4. **Telecommunications:** Base station equipment and high-frequency communication modules. --- ### 4. Typical Identification Example If you are looking at a full part number (e.g., `RN73H1JTTD1001B25`), the **1-HA-R** elements represent: * **1:** Size / Power rating. * **HA:** Thermal stability and reliability grade. * **R:** Packaging (e.g., Taped & Reeled).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer datasheet are you referencing for this part?
    • ⤷ Do you need help calculating the power dissipation for this resistor in a specific circuit?
    • ⤷ Are you looking for an equivalent replacement for a 1-HA-R component?