Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1-R10-

  • AI
    The designation **"1-R10"** (often seen as **1R10**) on electronic components primarily relates to the **resistance value** of a resistor, using the R-notation system. ### 1. Understanding the Value: 1R10 In electronic marking, the letter **"R"** acts as both the decimal point and the unit indicator for Ohms (Ω). | Component Code | Mathematical Meaning | Resistance Value | | :--- | :--- | :--- | | **1R10** | 1.10 | **1.10 Ohms (Ω)** | * **1**: The whole number before the decimal. * **R**: The decimal point (.) and signifies Ohms. * **10**: The fractional part (tenths and hundredths). --- ### 2. Common Component Types You will typically encounter this marking on two types of parts: #### A. Surface Mount Device (SMD) Resistors These are small, rectangular chips soldered directly onto the surface of a PCB. * **Standard:** Usually follows the 3-digit or 4-digit EIA marking code. * **Application:** Used in current sensing or low-resistance power management circuits. #### B. Power Resistors (Ceramic or Wirewound) Larger components designed to dissipate heat. * **Marking:** Often printed clearly on the body (e.g., "5W 1R10 J"). * **Tolerance:** The letter following the value indicates precision (e.g., J = ±5%, F = ±1%). --- ### 3. Technical Specifications Table If you are looking for a replacement part, these are the typical parameters you must match: | Parameter | Common Range for 1R10 | Importance | | :--- | :--- | :--- | | **Tolerance** | ±1% (F) to ±5% (J) | How close the actual value is to 1.10Ω. | | **Power Rating** | 1/8W to 10W+ | The amount of heat the part can handle without burning. | | **Package Size** | 0603, 0805, 1206, or Axial | The physical dimensions of the part. | | **Material** | Thick Film or Wirewound | Dictates stability and noise performance. | --- ### 4. Why use a 1.10Ω Resistor? This is a relatively low resistance value. It is commonly used for: * **Current Limiting:** Protecting LEDs or sensitive transistors. * **Shunt Resistors:** Measuring current by calculating the voltage drop across the resistor ($V = I \times R$). * **Snubber Circuits:** Used in power supplies to suppress voltage spikes. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the power rating needed for a 1R10 resistor?
    • ⤷ What is the difference between a 1R10 and a 110R resistor?
    • ⤷ How can I test a 1R10 resistor using a multimeter?