Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10-R0126PA035SC-M620F40

  • AI
    The part number **10-R0126PA035SC-M620F40** corresponds to a high-power **IGBT (Insulated Gate Bipolar Transistor) Module**, typically manufactured by companies like **Vincotech**. These modules are engineered for power conversion in industrial environments. --- ### 1. Technical Specification Breakdown The nomenclature of these modules usually follows a specific coding system. Here is the technical breakdown of the components within this specific part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Module Type** | PIM (Power Integrated Module) | Combines Rectifier, Brake, and Inverter stages. | | **Voltage Rating** | 1200 V | Maximum collector-emitter voltage. | | **Current Rating** | 35 A | Nominal collector current at standard operating temperature. | | **Topology** | CIB (Converter-Inverter-Brake) | Integrated input rectifier and output inverter. | | **Housing** | flow 1 / flow E2 | Compact, low-inductive industrial package. | | **NTC** | Integrated | Built-in temperature sensor for thermal protection. | --- ### 2. Functional Stages This module is a "System-in-a-Box" for motor drives, consisting of three main internal sections: 1. **Input Rectifier:** A 3-phase diode bridge that converts AC input (e.g., 400V/480V) into a DC bus voltage. 2. **Brake Chopper:** A single IGBT/Diode pair used to dissipate excess energy into a resistor during motor deceleration (dynamic braking). 3. **Output Inverter:** Six IGBTs arranged in a 3-phase bridge to convert DC back into variable-frequency AC to drive a motor. --- ### 3. Key Features * **Trench Field-Stop Technology:** Uses modern IGBT chips (likely M7 or similar generations) to minimize switching and conduction losses. * **Press-fit or Solder Pins:** Designed for easy PCB mounting with high reliability. * **Isolation:** The baseplate is DC-isolated, allowing multiple modules to be mounted on a single heatsink without short circuits. * **High Power Density:** Large current capability in a very small footprint compared to discrete components. --- ### 4. Common Applications * **Industrial Variable Speed Drives (VFDs):** Controlling AC induction motors. * **Servo Drives:** High-precision motion control in robotics. * **Uninterruptible Power Supplies (UPS):** Converting battery power to AC. * **Solar Inverters:** Managing energy conversion from DC panels to the grid. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the 10-R0126PA035SC-M620F40?
    • ⤷ How does the NTC thermistor inside this module help with circuit protection?
    • ⤷ What are the thermal management requirements for a 1200V 35A IGBT module?