Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10-R1X2

  • AI
    The term **10-R1X2** typically refers to a specific configuration of a passive electronic component, most commonly a **Resistor Network** or a specific **Connector** terminal block, depending on the manufacturer. In most industrial electronics contexts, this nomenclature follows a standard breakdown for **Resistor Networks (SIP/DIP packs)** or **Terminal Blocks**. --- ## 1. Breakdown of the Part Number While part numbers can vary by brand (such as Bourns, Vishay, or Phoenix Contact), the alphanumeric code generally follows this logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **10** | Pins / Positions | Indicates the component has 10 total pins or connection points. | | **R** | Component Type | Often denotes "Resistor" or "Row." | | **1** | Circuit Type | Usually indicates a "Bussed" or "Common" circuit configuration. | | **X2** | Multiplier/Quantity | Can refer to a dual-row configuration or a specific tolerance/multiplier. | --- ## 2. Common Application: Resistor Networks If this is a **Single In-line Package (SIP)** resistor network, the specifications usually look like this: ### Technical Specifications * **Package Type:** SIP (Single In-line Package). * **Pin Count:** 10 Pins. * **Internal Configuration:** * **Bussed (Type 1):** One pin is common, and 9 resistors are connected to it. * **Isolated (Type 2):** Resistors are independent (usually requires an even number of pins). * **Typical Use:** Pull-up or pull-down resistors for digital logic circuits (microcontrollers, FPGAs). --- ## 3. Alternative Interpretation: Terminal Blocks In the context of **Euro-style Terminal Blocks** or Connectors, "10-R1X2" refers to: * **Pitch:** Often denotes a specific spacing (e.g., 5.0mm or 10mm). * **Rows:** 1 Row (R1) by 2 (or 10) positions. * **Mounting:** Often Through-Hole (THT) for PCB mounting. --- ## 4. Comparison of Configurations | Feature | Bussed Configuration (Type 1) | Isolated Configuration (Type 2) | | :--- | :--- | :--- | | **Pin Usage** | 1 Common Pin, 9 Resistors | Pairs of pins per resistor | | **Schematic** | All resistors share one node | Each resistor is independent | | **Space Saving** | High (uses only 10 holes for 9 resistors) | Moderate | | **Common Use** | Bus termination / LED current limiting | Voltage dividers | --- ### Important Note for Identification Because "10-R1X2" is a partial string often found in larger catalogs, it is highly recommended to check the **Manufacturer's Logo** on the part. Brands like **Bourns**, **Dale**, or **TE Connectivity** use similar naming conventions but may have different electrical ratings (Wattage, Voltage).
    ✨ Follow-up Questions
    • ⤷What is the difference between a bussed and isolated resistor network?
    • ⤷ How do I identify the common pin on a 10-pin SIP resistor?
    • ⤷ What are the typical wattage ratings for these components?