Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1008F-R20

  • AI
    The part number **1008F-R20** typically refers to a **Wirewound Surface Mount (SMD) Inductor**. These components are widely used in radio frequency (RF) circuits for filtering, impedance matching, and resonance. ### 1. Part Number Breakdown The nomenclature usually follows industry standards for SMD inductors: | Segment | Meaning | Description | | :--- | :--- | :--- | | **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). | | **F** | Tolerance | Indicates a tolerance of **±1%** (High precision). | | **R20** | Inductance Value | "R" acts as a decimal point. **0.20 µH** (or 200 nH). | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Coilcraft, Bourns, or Gowanda), the typical characteristics for a 1008F-R20 are: * **Inductance:** 0.20 µH (200 nH) * **Tolerance:** ±1% * **Core Material:** Usually Ceramic (non-magnetic) to ensure high Q-factors at high frequencies. * **Quality Factor (Q):** Typically high (25–60 depending on frequency). * **Self-Resonant Frequency (SRF):** Usually in the range of 500 MHz to 1.2 GHz. * **Rated Current (Idc):** Generally between 200mA and 600mA. * **DC Resistance (DCR):** Low, typically < 1.0 Ohm. --- ### 3. Key Applications Because of its small size and high precision (1% tolerance), this part is commonly found in: 1. **RF Transceivers:** Used in the matching networks of antennas. 2. **Filter Networks:** Low-pass, high-pass, or band-pass filters in communication devices. 3. **Oscillators:** Providing stable inductance for frequency generation. 4. **Mobile Communication:** Smartphones, GPS modules, and Wi-Fi routers. --- ### 4. Physical Construction The **1008F-R20** is a "Wirewound" type. This means a fine copper wire is wrapped around a ceramic or ferrite core. * **Pros:** Much higher Q-factors and current handling compared to multilayer chips. * **Cons:** Slightly more expensive and larger than thin-film or multilayer inductors. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core in 1008 inductors?
    • ⤷ How does the 'F' tolerance rating affect the performance of an RF filter?
    • ⤷ Can you provide a comparison table between 1008 and 0805 inductor sizes?