Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1008F-R20J

  • AI
    The part number **1008F-R20J** refers to a high-frequency surface-mount (SMD) wire-wound inductor. These components are commonly used in RF (Radio Frequency) and communication circuits for filtering, impedance matching, and resonance. --- ### 1. Specification Breakdown The alphanumeric code follows a standard naming convention for electronic components. Here is the detailed breakdown: | Component Code | Category | Description | | :--- | :--- | :--- | | **1008** | Case Size | Dimensions (EIA): 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm). | | **F** | Type/Series | Ferrite core (typically used for higher inductance values). | | **R20** | Inductance Value | **0.20 µH** (200 nH). The "R" acts as a decimal point. | | **J** | Tolerance | **±5%** (Standard tolerance for precision inductors). | --- ### 2. Technical Characteristics Inductors like the 1008F-R20J are designed for performance in specific frequency ranges. * **Core Material:** Ferrite. Ferrite cores provide higher inductance and higher Quality Factor (Q) in a smaller package compared to ceramic cores. * **Operating Temperature:** Typically rated from -40°C to +125°C. * **Self-Resonant Frequency (SRF):** This part usually has a high SRF, ensuring it behaves as an inductor rather than a capacitor at high frequencies. * **Current Rating:** Usually handles between 200mA to 600mA depending on the specific manufacturer (e.g., Coilcraft, Fastron, or Bourns). --- ### 3. Applications Due to its size and ferrite core, this inductor is ideal for: 1. **RF Circuits:** Used in oscillators and signal processing. 2. **Filtering:** Decoupling power lines in mobile devices to prevent high-frequency noise. 3. **Communication Devices:** Integrated into Wi-Fi modules, Bluetooth transmitters, and GPS receivers. 4. **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF amplifier. --- ### 4. Typical Footprint (Dimensions) The **1008** package is a standard industry size: | Dimension | Inches | Millimeters | | :--- | :--- | :--- | | Length | 0.100" | 2.50 mm | | Width | 0.080" | 2.00 mm | | Height | ~0.063" | ~1.60 mm |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ferrite core and a ceramic core inductor?
    • ⤷ How do I calculate the resonant frequency for this specific inductor?
    • ⤷ Which manufacturers currently produce the 1008F series inductors?