Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1008HT-R27T_L

  • AI
    The **1008HT-R27T_L** is a high-performance **Wirewound Ceramic Chip Inductor**. These components are specifically designed for high-frequency RF (Radio Frequency) applications where high "Q" factors and stable inductance values are critical. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 270 nH | Identified by the "R27" code | | **Tolerance** | ±5% | Identified by the "J" or "T" suffix (usually ±5% for T) | | **Case Size** | 1008 (EIA) | 2.5 mm x 2.0 mm footprint | | **Construction** | Wirewound | Copper wire wound around a ceramic core | | **DC Resistance (DCR)** | ~1.00 Ω (Max) | Resistance of the internal winding | | **Rated Current** | ~350 - 450 mA | Maximum continuous current (varies by manufacturer) | | **SRF (Self-Resonant Freq)** | ~550 MHz | The frequency where it stops acting as an inductor | --- ### 2. Component Construction The "HT" series usually denotes **High Temperature** or high-reliability builds. 1. **Ceramic Core:** Unlike ferrite inductors, ceramic cores do not saturate. This ensures the inductance remains constant regardless of the current applied. 2. **Wirewound Body:** Using actual wire (as opposed to multilayer printing) allows for much lower DC resistance and a significantly higher **Q Factor** (Quality Factor). 3. **Terminations:** Typically feature gold or tin plating over nickel for excellent solderability and resistance to "leaching" during the assembly process. --- ### 3. Applications Due to its high frequency stability, this part is commonly found in: * **RF Filters:** Bandpass and Low-pass filters in wireless communication. * **Impedance Matching:** Tuning circuits for antennas in Wi-Fi or Bluetooth modules. * **Oscillators:** Serving as the inductive element in LC resonance circuits. * **Power Amplifiers:** Used for decoupling and bias tee applications in RF stages. --- ### 4. Comparison: Wirewound vs. Multilayer | Feature | Wirewound (1008HT) | Multilayer Inductor | | :--- | :--- | :--- | | **Q Factor** | High (Efficient) | Low to Medium | | **Current Handling** | Higher | Lower | | **Precision** | Very High | Standard | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Q factor' in this specific inductor?
    • ⤷ How does the 1008 case size affect PCB layout compared to 0603?
    • ⤷ Can this inductor be used in high-power DC-DC converters?