Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10214-R21CS

  • AI
    The part number **10214-R21CS** typically refers to a specialized connector component, most commonly associated with the **3M™ Mini Delta Ribbon (MDR)** series. These connectors are widely used in high-speed data transmission applications. --- ### 1. Technical Specifications The following table summarizes the key characteristics of the 10214-R21CS series: | Feature | Specification | | :--- | :--- | | **Connector Type** | Receptacle (Socket) | | **Number of Positions** | 14 Pins | | **Pitch** | 0.050" (1.27 mm) | | **Mounting Type** | Board Mount (Right Angle) | | **Shielding** | Fully Shielded (Metal Shell) | | **Contact Plating** | Gold over Nickel | | **Termination** | Solder | --- ### 2. Key Component Features The "R21CS" suffix denotes specific design variations within the MDR family: * **Right-Angle Orientation:** The "R" usually indicates a right-angle PCB mount, which is ideal for space-constrained backplanes or I/O panels. * **EMI/ESD Protection:** The metal shroud provides excellent grounding and shielding, reducing Electromagnetic Interference (EMI) in high-frequency environments. * **Wiper-on-Wiper Contact:** 3M’s proprietary contact design ensures a reliable electrical connection even after repeated mating cycles by "wiping" away surface oxidation. * **Panel Interface:** These often include hex-nut or screw-lock mechanisms to ensure the mating cable remains securely attached during vibration. --- ### 3. Common Applications Due to its high density and signal integrity, this part is frequently found in the following fields: 1. **Machine Vision:** Used in Camera Link® standard interfaces for industrial cameras. 2. **Medical Equipment:** High-reliability imaging and diagnostic sensors. 3. **Industrial Automation:** PLCs (Programmable Logic Controllers) and motion control systems. 4. **Telecommunications:** Network routers and high-speed data switching gear. --- ### 4. PCB Footprint Example In a schematic or PCB layout, the pinout typically follows a staggered two-row pattern: ```text Row 1: [ 1 ] [ 2 ] [ 3 ] [ 4 ] [ 5 ] [ 6 ] [ 7 ] Row 2: [ 8 ] [ 9 ] [10 ] [11 ] [12 ] [13 ] [14 ] --------------------------------------- (Shield Ground Tabs located on sides) ```
    ✨ Follow-up Questions
    • What is the current rating for each pin in the 10214 series?
    • Is this connector compatible with Camera Link standards?
    • What are the recommended mating cables for this 14-pin receptacle?