Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1022-R

  • AI
    The **1022-R** typically refers to a specific series of **Passive Infrared (PIR) Motion Sensors** or high-frequency relay components, depending on the manufacturer (commonly associated with security systems or industrial automation). Below is a breakdown of the electronic parts and technical specifications common to this component. --- ### 1. Component Overview The 1022-R is generally designed as a compact, surface-mount or plug-in module used to detect motion or trigger a circuit based on environmental changes. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (Range: 9V - 16V) | | **Current Draw** | ~15mA (Standby), ~25mA (Active) | | **Contact Rating** | 28V DC, 100mA (Normally Closed/Open) | | **Detection Range** | Up to 12 meters (40 feet) | | **Operating Temp** | -10°C to +50°C | --- ### 2. Internal Electronic Parts The 1022-R consists of several critical electronic sub-assemblies: #### A. The PIR Sensor (Pyroelectric Element) The heart of the unit. It detects infrared radiation fluctuations. It is usually covered by a **Fresnel Lens**, which focuses the IR energy onto the sensor element. #### B. Signal Processing IC This integrated circuit amplifies the tiny voltage generated by the PIR sensor. It filters out "noise" (like sunlight or small pets) to prevent false alarms. * **Operational Amplifiers (Op-Amps):** Used to boost the signal. * **Comparator:** Determines if the signal has crossed a specific threshold to trigger the output. #### C. Relay or Solid-State Switch The "R" in 1022-R often denotes a **Relay** output. * **Electromagnetic Relay:** A physical coil that moves a contact. * **Form A/C Contacts:** Provides the interface to the external alarm panel or light controller. #### D. Voltage Regulator Most units include a small linear regulator (e.g., a 78L05 variant) to ensure the internal logic chips receive a steady 5V, even if the input 12V supply fluctuates. --- ### 3. Pinout and Connection Standard wiring for a 1022-R module usually involves 4 to 6 terminals: 1. **V+ (12V):** Positive power supply. 2. **GND (0V):** Ground/Common. 3. **Relay (NC/C):** The alarm loop contacts. 4. **Tamper (Optional):** A small microswitch that triggers if the housing is opened. --- ### 4. Common Applications * **Security Systems:** Intrusion detection in residential or commercial buildings. * **Lighting Control:** Turning on LED strips or lamps when a person enters a room. * **Industrial Automation:** Triggering a process when an object passes a specific point.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 1022-R and a standard microwave sensor?
    • ⤷ How do I adjust the sensitivity or pulse count on this module?
    • ⤷ Can the 1022-R be used with an Arduino or Raspberry Pi?