Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 10280-R20CS

  • AI
    ### Technical Overview: 10280-R20CS The **10280-R20CS** typically refers to a high-performance **Mini-SAS (SFF-8088) to Mini-SAS (SFF-8088)** external cable assembly. These components are primarily used in enterprise storage environments, such as connecting servers to JBODs (Just a Bunch Of Disks) or Tape Drives. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | SFF-8088 (External Mini-SAS 26-pin) | | **Connector Type B** | SFF-8088 (External Mini-SAS 26-pin) | | **Data Rate** | Up to 6.0 Gbps per lane (Total 24 Gbps for 4 lanes) | | **Impedance** | 100 Ohms | | **Wire Gauge** | Typically 28 AWG or 30 AWG | | **Cable Length** | 2.0 Meters (Standard for the '20' suffix) | | **Shielding** | Foil and Braid (EMI Protection) | --- ### 2. Internal Electronic Components While a passive cable, the 10280-R20CS contains several critical electronic design elements: * **EEPROM Chip:** Inside the connector housing, there is often a small EEPROM. This chip stores "Signature" data that allows the Host Bus Adapter (HBA) to identify the cable length, manufacturer, and supported speeds. * **Differential Pairs:** The cable consists of 8 differential pairs (4 for Transmit, 4 for Receive). These are precision-twisted to maintain signal integrity over the 2-meter distance. * **Active vs. Passive:** The "CS" designation usually implies a **Passive Copper** construction. This means there are no signal amplifiers inside; it relies on the high-quality copper and shielding to prevent signal degradation. --- ### 3. Application Use Cases This part is essential for high-speed data transfers in the following scenarios: 1. **Storage Area Networks (SAN):** Connecting external RAID arrays to host servers. 2. **Direct Attached Storage (DAS):** Linking a server directly to a disk shelf. 3. **Data Archiving:** Connecting LTO tape drives for long-term data backup. 4. **Switching:** Connecting SAS switches to expand the number of addressable drives. --- ### 4. Physical Design Features * **Universal Keying:** The SFF-8088 connectors feature a pull-tab release mechanism (usually green or black) for secure locking and easy extraction. * **Zinc Die-Cast Backshells:** Provides superior EMI (Electromagnetic Interference) shielding and mechanical strain relief for the internal wiring. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a passive and an active Mini-SAS cable?
    • ⤷ Can this cable support SAS 3.0 (12Gbps) speeds?
    • ⤷ What are the compatibility requirements for the SFF-8088 interface?